Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 17Page - Texas Instruments TNETA1575 Datasheet HTML 18Page - Texas Instruments TNETA1575 Datasheet HTML 19Page - Texas Instruments TNETA1575 Datasheet HTML 20Page - Texas Instruments TNETA1575 Datasheet HTML 21Page - Texas Instruments TNETA1575 Datasheet HTML 22Page - Texas Instruments TNETA1575 Datasheet HTML 23Page - Texas Instruments TNETA1575 Datasheet HTML 24Page - Texas Instruments TNETA1575 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
Commercial
3
3.3
3.6
V
VCC(5V)
Supply voltage, 5-V tolerant TTL
Commercial
4.5
5
5.5
V
VI
Input voltage
TTL, 3-V PCI
0
VCC
V
VI
Input voltage
5-V tolerant TTL
0
VCC(5V)
V
VO
Output voltage
TTL, 3-V PCI
0
VCC
V
VO
Output voltage
5-V tolerant TTL†
0
VCC
V
TTL
2
VCC
VIH
High-level input voltage
3-V PCI
0.475 VCC
VCC
V
5-V tolerant TTL
2
VCC(5V)
TTL
0
0.8
VIL
Low-level input voltage
3-V PCI
0
0.325 VCC
V
5-V tolerant TTL
0
0.8
TA
Operating free-air temperature
0
70
°C
† VCC must be applied to drive the output to a high-impedance state (Z) for 5-V tolerant operation.
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
TTL
IOH = 8 mA
VCC 06
TTL
IOH = 4 mA
VCC–0.6
VOH
High-level output voltage
5 V tolerant TTL
IOH = 8 mA
VCC 06
V
5-V tolerant TTL
IOH = 4 mA
VCC–0.6
3-V PCI
IOH = 8.6 VCC (mA)
0.5 VCC
TTL
IOL = 8 mA
0.4
TTL
IOL = 4 mA
0.4
VOL
Low-level output voltage
5 V tolerant TTL
IOL = 8 mA
0.4
V
5-V tolerant TTL
IOL = 4 mA
0.4
3-V PCI
IOL = 8 VCC (mA)
0.3 VCC
TTL
VI = VIH (max),
See Note 4
±1
IIH
High-level input current
5-V tolerant TTL
VI = VIH (min)
–760
µA
3-V PCI
VI = VIH (max),
See Note 4
±1
TTL
±1
IIL
Low-level input current
5-V tolerant TTL
VI = VIL (min),
See Note 5
±1
µA
3-V PCI
()
±1
TTL
±20
IOZ
High-impedance-state output current
5-V tolerant TTL
±20
µA
3-V PCI
±20
NOTES:
4. These specifications apply only when the pulldown terminator is turned off.
5. These specifications apply only when the pullup terminator is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com