Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments TNETA1575 Datasheet HTML 10Page - Texas Instruments TNETA1575 Datasheet HTML 11Page - Texas Instruments TNETA1575 Datasheet HTML 12Page - Texas Instruments TNETA1575 Datasheet HTML 13Page - Texas Instruments TNETA1575 Datasheet HTML 14Page - Texas Instruments TNETA1575 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
As described in the PCI local-bus specification rev 2.1, the TNETA1575 provides a 64-byte configuration space
that can be accessed by system software for configuration, initialization, and error handling. The TNETA1575
responds to type 0 configuration accesses.
A configuration map of the 64-byte configuration space is as follows:
ADDRESS
BYTE 3
BYTE 2
BYTE 1
BYTE 0
READ/WRITE
0x00
Device ID
Vendor ID
R
0x04
Status
Command
R/W
0x08
Class Code
Revision ID
R
0x0C
BIST†
Header Type
Latency Timer
Cache Line Size
R/W
0x10
Base Address 0
R/W
0x14
Base Address 1†
R/W
0x18
Base Address 2†
R/W
0x1C
Base Address 3†
R/W
0x20
Base Address 4†
R/W
0x24
Base Address 5†
R/W
0x28
Cardbus CIS Pointer†
R
0x2C
Subsystem ID†
Subsystem Vendor ID†
R/W
0x30
Expansion ROM Base Address†
R/W
0x34
Reserved (returns 0 when read)
—
0x38
Reserved (returns 0 when read)
—
0x3C
Max_Lat
Min_Gnt
Interrupt Pin
Interrupt Line
R/W
0x40
Reserved
Reserved
Reserved
Reserved
R/W
0x44–0xFF
Reserved (returns 0 when read)
R
† Optional registers are not implemented for the TNETA1575, which return 0 when read.
The control memory is accessed via the host PCI interface in full 32-bit words. Byte enable is not supported.
All four bytes in a 32-bit word in the control memory are read or written in a single instruction.
If none of the byte enables are asserted for a write instruction, none of the data in the 32-bit word is altered. If
any byte enable is asserted, then the entire 32-bit word is overwritten.
cell interface
The TNETA1575 transfers and receives ATM cells through the cell interface. The cell interface is designed in
accordance with the ATM forum UTOPIA level 1 specification and is configurable as either an 8-bit PHY or ATM
interface. The ATM mode is chosen when the TNETA1575 interfaces with a framer such as the TNETA1500.
The PHY mode is chosen when the TNETA1575 interfaces with a switch port. The operation of this dual
ATM/PHY interface requires the use of two external terminals – ATMCLK and PHY/ATM. The ATMCLK output
is a buffered version of the PCI clock.
When PHY/ATM is high (PHY mode), the segmentation interface functions as a PHY-RX port and the
reassembly interface functions as a PHY-TX port. The clock speed supported by the interface is a maximum
of 33 MHz. In this mode, the ATMCLK output normally is not used by the cell interface.
When PHY/ATM is low (ATM mode), the segmentation interface functions as an ATM-TX port and the
reassembly interface functions as an ATM-RX port. The clock speed supported by the interface is a maximum
of 33 MHz. In this mode, the ATMCLK can be used as the clock source to provide for data
transfers/synchronization or another external-clock source(s) can be used.
The interface operates as a synchronous 8-bit (byte-wide) data path. The interface functions with both
octet-level and cell-level handshaking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com