Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 5 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 5 Page - Texas Instruments

  TNETA1575 Datasheet HTML 1Page - Texas Instruments TNETA1575 Datasheet HTML 2Page - Texas Instruments TNETA1575 Datasheet HTML 3Page - Texas Instruments TNETA1575 Datasheet HTML 4Page - Texas Instruments TNETA1575 Datasheet HTML 5Page - Texas Instruments TNETA1575 Datasheet HTML 6Page - Texas Instruments TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
PCI-bus interface (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SBLENGTH
184
O
(CMOS)
Sideband length. SBLENGTH indicates to the host when the TNETA1575 is bursting eight free-buffer
entries by asserting SBLENGTH high, or that it is bursting one entry when inactive low. Pulse
duration is for one clock cycle synchronous to the PCI-address phase.
TXQUERDY
185
O
(CMOS)
Transmit queue ready. TXQUERDY indicates to the host when the transmit queue register is
available for a write access by the host. TXQUERDY is a PCI-sideband signal and is synchronous
with the PCI clock.
cell-segmentation interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
O
Segmentation cell available
SEGCLAV
98
O
(CMOS)
PHY mode
SEGCLAV (RXEMPTY/RXCLAV) indicates that a complete cell is available.
(CMOS)
ATM mode
SEGCLAV (TXENB) is active low when SEGDATA contains a valid byte.
Segmentation clock
SEGCLK
95
I
(TTL)
PHY mode
SEGCLK (RXCLK) is used to synchronize transfers on SEGDATA. SEGCLK is sourced
from the UTOPIA interface.
(TTL)
ATM mode
SEGCLK (TXCLK) is used to synchronize transfers on SEGDATA. SEGCLK is sourced
from the ATMCLK.
Segmentation data
SEGDATA7–
SEGDATA0
84–87,
89–92
O
(CMOS)
PHY mode
SEGDATA7–SEGDATA0 (RXDATA) is byte-wide true data that is sourced by the
TNETA1575. SEGDATA7 is the most significant bit.
SEGDATA0
89–92
(CMOS)
ATM mode
SEGDATA7–SEGDATA0 (TXDATA) is byte-wide true data that is sourced by the
TNETA1575. SEGDATA7 is the most significant bit.
Segmentation enable
SEGEN
96
I
(TTL)
PHY mode
SEGEN (RXENB) indicates that a valid byte of SEGDATA will be sent during the next
clock cycle.
(TTL)
ATM mode
SEGEN (TXFULL/TXCLAV) indicates that at least one byte of SEGDATA will be
accepted.
O
Segmentation parity
SEGPAR
94
O
(CMOS)
PHY mode
SEGPAR (RXPAR) is the odd-parity bit over SEGDATA7–SEGDATA0.
(CMOS)
ATM mode
SEGPAR (TXPAR) is the odd-parity bit over SEGDATA7–SEGDATA0.
Segmentation start of cell
SEGSOC
97
O
(CMOS)
PHY mode
SEGSOC (RXSOC) is active high when SEGDATA contains the first valid byte of the cell
and is sourced by the TNETA1575.
(CMOS)
ATM mode
SEGSOC (TXSOC) is active high when SEGDATA contains the first valid byte of the cell
and is sourced by the TNETA1575.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com