Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 42 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 37Page - Texas Instruments TNETA1575 Datasheet HTML 38Page - Texas Instruments TNETA1575 Datasheet HTML 39Page - Texas Instruments TNETA1575 Datasheet HTML 40Page - Texas Instruments TNETA1575 Datasheet HTML 41Page - Texas Instruments TNETA1575 Datasheet HTML 42Page - Texas Instruments TNETA1575 Datasheet HTML 43Page - Texas Instruments TNETA1575 Datasheet HTML 44Page - Texas Instruments TNETA1575 Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATIONS INFORMATION
system-level overview (continued)
The TNETA1575 has the following internal FIFO capabilities:
• A transmit FIFO for internal interfacing between the segmentation engine and the cell transmit block.
The TX FIFO holds four cells.
• A receive FIFO for internal interfacing between the reassembly engine and the cell receive block. The
RX FIFO holds 32 cells.
TNETA1585 traffic coprocessor†
The TNETA1585 is an ABR scheduler that conforms to the ATM-forum’s interoperability specifications. Other
than scheduling cells, the primary function is to handle the processing of resource management (RM) cells in
both the transmit and receive directions.
A system-level interconnect of the chip set, with associated systems, is shown in Figure 24.
TNETA1575
ThunderCELLt
TNETA1585
ThunderCELLt
Control
Memory
Parameter
Memory
TNETA1500
ThunderCELLt
Fiber/Copper
Transceiver
COPI
Interface
UTOPIA
Interface
Parameter
Memory
Interface
Control
Memory
Interface
PCI Bus
Interface
Host
Controller
PCI
Memory
Controller
Local
Bus
32-Bit
PCI
Figure 24. System-Level Chip Set (TNETA1575, TNETA1585, and TNETA1500)
† Vendors can develop their own second-tier schedulers, which conform to the coprocessor interface as defined in this data sheet, in advance of
the availability of the TNETA1585 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com