Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 33 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 29Page - Texas Instruments TNETA1575 Datasheet HTML 30Page - Texas Instruments TNETA1575 Datasheet HTML 31Page - Texas Instruments TNETA1575 Datasheet HTML 32Page - Texas Instruments TNETA1575 Datasheet HTML 33Page - Texas Instruments TNETA1575 Datasheet HTML 34Page - Texas Instruments TNETA1575 Datasheet HTML 35Page - Texas Instruments TNETA1575 Datasheet HTML 36Page - Texas Instruments TNETA1575 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics (see Figure 15 )
traffic coprocessor interface outputs
NO.
PARAMETER
MIN
MAX
UNIT
1
td(RCCX)
Delay time, ATMCLK1
↑ to RCCX valid
2
11
ns
2
td(TCCX)
Delay time, ATMCLK1
↑ to TCCX valid
2
11
ns
3
td(DAX)
Delay time, ATMCLK1
↑ to DAX valid
2
11
ns
RCCX
(output)
ATMCLK1
(output)
Frame
GCI
DMA Number (11 Bits)
TCCX
(output)
Frame
Send
ACK
DMA Number (11 Bits)
Frame DAV
DMA Number (11 Bits)
3
DAX
(output)
Sch.
Source
Cell Type (3 Bits)
CLP
.. .
...
2
2
Figure 15. Traffic Coprocessor Interface Outputs
operating characteristics (see Figure 16 )
ATMCLK1/ATMCLK2 clock timing
NO.
PARAMETER
MIN
MAX
UNIT
1
td(ATMCLK1)
Delay time, PCLK
↑ to ATMCLK1↑
3
7
ns
2
td(ATMCLK2)
Delay time, PCLK
↑ to ATMCLK2↑
3
7
ns
ATMCLK2
(output)
PCLK
(input)
1
2
ATMCLK1
(output)
Figure 16. ATMCLK1/ATMCLK2 Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com