Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 2Page - Texas Instruments TNETA1575 Datasheet HTML 3Page - Texas Instruments TNETA1575 Datasheet HTML 4Page - Texas Instruments TNETA1575 Datasheet HTML 5Page - Texas Instruments TNETA1575 Datasheet HTML 6Page - Texas Instruments TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments TNETA1575 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
high-priority segmentation (request and acknowledge)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
HPSACK
108
O
(CMOS)
High-priority segmentation acknowledge. HPSACK is asserted for one PCI-bus clock cycle to
acknowledge that HPSREQ is detected.
HPSREQ
109
I
(TTL)
High-priority segmentation request. HPSREQ is sampled at each new segmentation opportunity
and is synchronous to the PCI-bus clock. When HPSREQ is active, TNETA1575 initiates the
procedure for transmitting a cell from TX DMA channel 1. To ensure that the high-priority
segmentation request is processed, HPSREQ remains active until HPSACK is set low. HPSREQ
is deasserted within two PCI-bus clock cycles of when HPSACK is asserted.
cell-reassembly interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
Reassembly cell available
RESCLAV
69
O
(CMOS)
PHY mode
RESCLAV (TXFULL/TXCLAV) indicates that a transfer of a complete cell can be
accepted.
(CMOS)
ATM mode
RESCLAV (RXENB) indicates that a valid byte RESDATA will be sent during the next
clock cycle.
Reassembly clock
RESCLK
66
I
(TTL)
PHY mode
RESCLK (TXCLK) is used to synchronize transfers on RESDATA. The UTOPIA
interface is used as the source for RESCLK.
(TTL)
ATM mode
RESCLK (RXCLK) is used to synchronize transfers on RESDATA. ATMCLK is used
as the source for RESCLK.
RESDATA7
72 75
I
Reassembly data
RESDATA7–
RESDATA0
72–75,
77–80
I
(TTL)
PHY mode
RESDATA7–RESDATA0 (TXDATA). RESDATA7 is the most significant bit.
RESDATA0
77–80
(TTL)
ATM mode
RESDATA7–RESDATA0 (RXDATA). RESDATA7 is the most significant bit.
Reassembly enable
RESEN
67
I
PHY mode
RESEN (TXENB) goes active low when RESDATA contains a valid byte.
RESEN
67
(TTL)
ATM mode
RESEN (RXEMPTY/RXCLAV) indicates that transfer of a complete cell can be
accepted.
I
Reassembly parity
RESPAR
71
I
(TTL)
PHY mode
RESPAR (TXPAR) is the odd-parity bit over RESDATA7–RESDATA0.
(TTL)
ATM mode
RESPAR (RXPAR) is the odd-parity bit over RESDATA7–RESDATA0.
O
Reassembly parity error (not required by UTOPIA)
RESPERR
81
O
(CMOS)
PHY mode
RESPERR indicates that parity error was present at the previous rising edge of
(CMOS)
ATM mode
yg
g
RESCLK.
Reassembly start of cell
RESSOC
70
I
(TTL)
PHY mode
RESSOC (TXSOC) is received when RESDATA contains the first valid byte of the
cell.
(TTL)
ATM mode
RESSOC (RXSOC) is received when RESDATA contains the first valid byte of the
cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com