Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 15Page - Texas Instruments TNETA1575 Datasheet HTML 16Page - Texas Instruments TNETA1575 Datasheet HTML 17Page - Texas Instruments TNETA1575 Datasheet HTML 18Page - Texas Instruments TNETA1575 Datasheet HTML 19Page - Texas Instruments TNETA1575 Datasheet HTML 20Page - Texas Instruments TNETA1575 Datasheet HTML 21Page - Texas Instruments TNETA1575 Datasheet HTML 22Page - Texas Instruments TNETA1575 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
COP – interface full-indication signal
The COPI interface on the TNETA1575 provides a COPFULL input terminal that indicates when the traffic
coprocessor interface receive FIFOs are within one cell of filling up. The TNETA1575 reacts by deasserting the
UTOPIA receive enable signal (RESCLAV or RXENABLE, depending on whether PHY or ATM mode is
selected) according to the UTOPIA specification. After the COPFULL input terminal goes inactive low, the
TNETA1575 asserts the UTOPIA receive enable signal RESCLAV or RXENABLE, depending on whether PHY
or ATM mode is selected on the UTOPIA interface. If this terminal is not connected, the TNETA1575 operates
under normal conditions.
TNETA1575 / TNETA1585 interconnect
Figure 4 shows the interconnect of the TNETA1575 (SAR) and the TNETA1585 traffic cop, including information
on connection of the control-memory interface, the coprocessor interface, and the cell interfaces.
CTRL
ADDR
TNETA1575
8
SRAM
64K
× 32 or
32K
× 32
TNETA1585
DATA (31–0)
ADDRESS (15–0)
CMOE
CMWE
CMSELHI
LRESET
LINTR
TCCX
RCCX
DAX
COPFULL
Control Memory
Parameter Memory
SRAM
64K
× 32 or
32K
× 32
Figure 4. TNETA1575 Interconnect to TNETA1585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com