Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 7 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 3Page - Texas Instruments TNETA1575 Datasheet HTML 4Page - Texas Instruments TNETA1575 Datasheet HTML 5Page - Texas Instruments TNETA1575 Datasheet HTML 6Page - Texas Instruments TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments TNETA1575 Datasheet HTML 10Page - Texas Instruments TNETA1575 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
control-memory interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CMAD15–
CMAD0
58–57,
55–50, 48,
46–41, 39
O
(CMOS)
Control-memory address. CMAD15–CMAD0 contain a 16-bit physical address to the control
memory.
CMBS1
62
O
(CMOS)
Control memory bank select 1. CMBS1 selects bank 1, containing 32K
× 32 SRAM addresses
in the lower 64K addresses, when active low.
CMBS2
63
O
(CMOS)
Control memory bank select 2. CMBS2 selects bank 2, containing 32K
× 32 SRAM addresses
in the lower 64K addresses, when active low.
CMDATA31–
CMDATA0
35–33, 31–29,
27–25,
23–18, 16,
14–9, 7,
5–1, 240,
238–236
I
(TTL)
O
(CMOS)
Control-memory data. CMDATA31–CMDATA0 contain 32-bit data to/from the control memory.
CMOE
36
O
(CMOS)
Control-memory output enable. When CMOE is active low, the address is valid and data is read
on the rising edge of CMOE.
CMSELHI
61
O
(CMOS)
Control memory select high. CMSELHI selects the upper 64K control-memory addresses when
active low.
CMSELL0
59
O
(CMOS)
Control memory select low. CMSELL0 selects the lower 64K control-memory addresses when
active low.
CMWE
37
O
(CMOS)
Control-memory write enable. When CMWE is active low, the address and data are valid.
traffic coprocessor interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
RCCX
232
O
(CMOS)
Receive-cell status indication. RCCX indicates to the traffic coprocessor that a cell was
received on the UTOPIA interface, and the RX DMA channel was assigned to the cell.
TCCX
231
O
(CMOS)
Transmit-cell status indication. TCCX indicates to the traffic coprocessor that a cell was
transmitted from the SAR, and the TX DMA channel was assigned to the cell.
DAX
229
O
(CMOS)
Data availability indication. DAX indicates to the traffic coprocessor when data is available
on a particular channel or when the SAR has completed segmentation of a packet.
LRESET
226
O
(CMOS)
Local reset. LRESET provides a reset indication to the traffic coprocessor. LRESET is derived
from the PCI-bus reset input.
LINTR
233
I
(TTL)
Local interrupt. LINTR provides an interrupt indication from the traffic coprocessor to the
SAR. When LINTR goes active low, the SAR sets a bit in the status register and generates
a PCI interrupt unless the interrupt is masked through the interrupt mask register. This
terminal has an internal 100-
µA pullup active terminator. This signal must be connected to
an external 2.2-k
Ω pullup resistor that is connected to a 3.3-V voltage source.
COPFULL
227
I
(TTL)
Coprocessor full. COPFULL indicates that the traffic coprocessor RX FIFO is about to fill up.
A 100-
µA pulldown active terminator is connected to this input. The pulldown is disabled when
the COPPRES bit is set in the SAR configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com