Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 19Page - Texas Instruments TNETA1575 Datasheet HTML 20Page - Texas Instruments TNETA1575 Datasheet HTML 21Page - Texas Instruments TNETA1575 Datasheet HTML 22Page - Texas Instruments TNETA1575 Datasheet HTML 23Page - Texas Instruments TNETA1575 Datasheet HTML 24Page - Texas Instruments TNETA1575 Datasheet HTML 25Page - Texas Instruments TNETA1575 Datasheet HTML 26Page - Texas Instruments TNETA1575 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements (see Figure 5)
PCI-bus interface
NO.
MIN
MAX
UNIT
1
tw(PCLKH)
Pulse duration, PCLK high
12
ns
2
tw(PCLKL)
Pulse duration, PCLK low
12
ns
3
tsu(PGNT)
Setup time, PGNT low before PCLK
↑
10
ns
4
tsu(PAD)
Setup time, PAD31–PAD0 valid before PCLK
↑
7
ns
5
tsu(PTRDY)
Setup time, PTRDY low before PCLK
↑
7
ns
6
tsu(PDEVSEL)
Setup time, PDEVSEL low before PCLK
↑
7
ns
7
th(PAD)
Hold time, PAD31–PAD0 valid after PCLK
↑
0
ns
8
th(PTRDY)
Hold time, PTRDY low after PCLK
↑
0
ns
9†
th(PDEVSEL)
Hold time, PDEVSEL low after PCLK
↑
1
ns
† This 1-ns minimum hold time deviates from the 0-ns minimum hold time specified in PCI-Local Bus Specification (Revision 2.1).
operating characteristics (see Figure 5)
PCI-bus interface
NO.
PARAMETER
MIN
MAX
UNIT
10
td(PFRAME)
Delay time, PCLK
↑ to PFRAME↓
2
11
ns
11
td(PAD)
Delay time, PCLK
↑ to PAD31–PAD0 valid
2
11
ns
12
td(PCBE)
Delay time, PCLK
↑ to PCBE3–PCBE0 valid
2
11
ns
13
td(PIRDY)
Delay time, PCLK
↑ to PIRDY↓
2
11
ns
14
td(PREQ)
Delay time, PCLK
↑ to PREQ↓
2
12
ns
PCLK
(input)
PREQ
(output)
PGNT
(input)
PAD31–
PAD0
(I/O)
PFRAME
(output)
PCBE3–
PCBE0
(output)
PIRDY
(output)
PTRDY
(input)
PDEVSEL
(input)
4
Address
11
6
Bus Command
10
5
1
2
14
3
7
BE No. S-1
Data 1
Data 2
Data 3
BE No.S-2
Data 4
BE No.S-3
BE No. S-4
9
12
13
Data Phase
Address Phase
8
Figure 5. Read Operation (PCI SAR as Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com