Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETA1575 Datasheet HTML 18Page - Texas Instruments TNETA1575 Datasheet HTML 19Page - Texas Instruments TNETA1575 Datasheet HTML 20Page - Texas Instruments TNETA1575 Datasheet HTML 21Page - Texas Instruments TNETA1575 Datasheet HTML 22Page - Texas Instruments TNETA1575 Datasheet HTML 23Page - Texas Instruments TNETA1575 Datasheet HTML 24Page - Texas Instruments TNETA1575 Datasheet HTML 25Page - Texas Instruments TNETA1575 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended power-supply sequencing for mixed-voltage devices
The recommended power-supply sequencing in a mixed-voltage system is as follows:
• When turning on the power supply, all 3.3-V and 5-V supplies should start ramping from 0 V and reach
95 percent of their end-point values within a 25-ms time window. All bus contention between the
TNETA1575 and external devices is eliminated by the end of the 25-ms time window. The preferred
order of supply ramping is to ramp the 3.3-V supply, followed by the 5-V supply. This order is not
mandatory, but it allows a larger cumulative number of power-supply on events than does the reverse
order.
• When turning off the power supply, all 3.3-V and 5-V supplies should start ramping from steady-state
values and reach 5 percent of these values within a 25-ms time window. All bus contention between the
TNETA1575 and external devices is eliminated by the end of the 25-ms time window. The preferred
order of supply ramping is to ramp down the 5-V supply, followed by the 3.3-V supply. This order is not
mandatory, but it allows a larger cumulative number of power supply off events than the reverse order.
If these precautions and guidelines are not followed, the TNETA1575 device may experience failures.
timing requirements
PCI-bus interface
NO.
MIN
NOM
MAX
UNIT
fclock(PCLK)
Clock frequency, PCLK†
33
MHz
tsu(BUS)
Setup time, bused signals valid before PCLK
↑ (see Note 6)
7
ns
tsu(PGNT)
Setup time, PGNT low before PCLK
↑ (see Note 6)
10
ns
tsu(PREQ)
Setup time, PREQ low before PCLK
↑ (see Note 6)
12
ns
th(IN)
Hold time, inputs valid after PCLK
↑
0
ns
† The UTOPIA-clock (ATMCLK) frequency cannot be greater than three times the PCI-clock (PCLK) frequency or less than one-third the PCI-clock
(PCLK) frequency because synchronization can break down on the FIFOs and cells can be lost. If this relationship is maintained between the
PCLK clock and the ATMCLK clock, the PCLK clock can operate at or below 33 MHz and cells are not lost.
NOTE 6: PREQ and PGNT are point-to-point signals, and have different output valid delay and input setup times than do bused signals. PGNT
has a setup time of 10 ns; PREQ has a setup time of 12 ns. All other signals are bused.
operating characteristics over recommended operating conditions
PCI-bus interface
NO.
PARAMETER
MIN
MAX
UNIT
td(BUSV)
Delay time, PCLK
↑ to bused signals valid (see Note 6)
2
11
ns
td(PGNT)
Delay time, PCLK
↑ to PGNT low (see Note 6)
2
12
ns
td(PREQ)
Delay time, PCLK
↑ to PREQ low (see Note 6)
2
12
ns
ton(FLT–ACT)
Turn-on time, float to active
2
ns
toff(ACT–FLT)
Turn-off time, active to float
28
ns
ton(RST)
Turn-on time, power stable to reset active
1
ms
ton(PCLK–RST) Turn-on time, PCLK stable to reset active
100
µs
toff(RST–OF)
Turn-off time, reset active to output float
40
ns
NOTE 6. PREQ and PGNT are point-to-point signals, and have different output valid delay and input setup times than do bused signals. PGNT
has a setup time of 10 ns; PREQ has a setup time of 12 ns. All other signals are bused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com