Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1575 Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETA1575
Description  ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1575 Datasheet(HTML) 3 Page - Texas Instruments

  TNETA1575 Datasheet HTML 1Page - Texas Instruments TNETA1575 Datasheet HTML 2Page - Texas Instruments TNETA1575 Datasheet HTML 3Page - Texas Instruments TNETA1575 Datasheet HTML 4Page - Texas Instruments TNETA1575 Datasheet HTML 5Page - Texas Instruments TNETA1575 Datasheet HTML 6Page - Texas Instruments TNETA1575 Datasheet HTML 7Page - Texas Instruments TNETA1575 Datasheet HTML 8Page - Texas Instruments TNETA1575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
TNETA1575
ATM SEGMENTATION AND REASSEMBLY DEVICE
WITH PCI-HOST AND COPROCESSOR INTERFACES
SDNS040C – MAY 1996 – REVISED JUNE 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
PCI-bus interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
PAD31–PAD0
119–121,
123–124,
126–127, 129,
133–134,
136–139,
141–142,
158–160, 162,
164–167,
171–173,
175–177,
179, 181
I/O
(3 state)
PCI address bus and data bus. PAD31–PAD0 are multiplexed on the same PCI terminals.
During the first phase of the address phase of a transaction, PAD31–PAD0 contain a 32-bit
physical address. This phase is the clock cycle when PFRAME is asserted.
During the data phase, PAD7–PAD0 contain the least-significant byte and PAD31–PAD24
contain the most-significant byte. Write data is stable when PIRDY is asserted. Read data is
stable when PTRDY is asserted. Data is transferred during those clock cycles when both
PIRDY and PTRDY are asserted.
PCBE3–PCBE0
130, 144,
156, 169
I/O
(3 state)
PCI-bus command and byte enable. PCBE3–PCBE0 lines are multiplexed on the same PCI
terminals. During the address phase of a transaction, PCBE3–PCBE0 lines define the bus
command. During the data phase, PCBE3–PCBE0 lines define which bytes are valid.
PCLK
114
I
(TTL)
PCI clock. PCLK provides timing for all transactions on the PCI interface.
PDEVSEL
149
I/O
(3 state)
PCI device select. When actively driven, PDEVSEL indicates that the address of the driving
device is decoded as the target of the current access. As an input, PDEVSEL indicates
whether any device on the bus is selected.
PFRAME
145
I/O
(3 state)
PCI frame. PFRAME is driven by the current master to indicate the beginning and duration of
an access. PFRAME is asserted at the beginning of the bus transaction and remains asserted
during data transfer. When PFRAME is deasserted, the transaction is in the final data phase.
PGNT
116
I
(TTL)
PCI-bus grant. PGNT indicates to the agent that the arbiter has granted access to the bus.
PGNT is a point-to-point signal and every master has its own.
PIDSEL
131
I
(TTL)
PCI initialization and device select. PIDSEL is used as a chip select during configuration read
and write transactions.
PINTA
112
O
(open
drain)
PCI interrupt. PINTA is an interrupt request from PCI SAR. PINTA indicates to the host that
a condition has occurred that may require attention. The TNETA1575 uses only a single
interrupt line.
PIRDY
147
I/O
(3 state)
PCI initiator ready. PIRDY indicates the initiating agent’s (bus master) ability to complete the
current data phase of the transaction. During a write, PIRDY indicates valid data on
PAD31–PAD0. During a read, PIRDY indicates the master is prepared to accept the data.
PIRDY is used with PTRDY. Wait cycles are inserted until both PIRDY and PTRDY are
asserted.
PPAR†
155
I/O
PCI parity. PPAR is even parity across PAD31–PAD0 and PCBE3–PCBE0. For data phases,
PPAR is valid one clock after either PIRDY is asserted on a write or PTRDY is asserted on
a read Once asserted PPAR remains valid until one clock after the completion of the current
PPAR†
155
(3 state)
a read. Once asserted, PPAR remains valid until one clock after the completion of the current
data phase. The master drives the PPAR for address- and write-data phases, and the target
drives PPAR for the read-data phase.
PPERR‡
152
I/O
(3 state)
PCI parity error. PPERR reports a data-parity error on all commands except special cycle. An
agent cannot report a PPERR until it has claimed the access by asserting PDEVSEL and
completed a data phase.
† If the host does not desire to implement parity in the system, terminal 155 is connected through a resistor to a valid logic level and the SERR
enable bit in the PCI command register is set to 0.
‡ If the host does not desire to implement parity in the system, terminal 152 is connected through a 1-M
Ω pullup resister and the SERR enable
bit in the PCI command register is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com