Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 127 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 127 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 123Page - Sony Corporation CXD3003R Datasheet HTML 124Page - Sony Corporation CXD3003R Datasheet HTML 125Page - Sony Corporation CXD3003R Datasheet HTML 126Page - Sony Corporation CXD3003R Datasheet HTML 127Page - Sony Corporation CXD3003R Datasheet HTML 128Page - Sony Corporation CXD3003R Datasheet HTML 129Page - Sony Corporation CXD3003R Datasheet HTML 130Page - Sony Corporation CXD3003R Datasheet HTML 131Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 137 page
background image
– 127 –
CXD3003R
§5-21. Filter Composition
The internal filter composition is shown below.
K
∗∗ and M∗∗ indicate coefficient RAM and Data RAM address values respectively.
FCS Servo Gain Normal fs = 88.2kHz
K0D
K0C
K0E
K10
Z–1
K0B
Z–1
K09
K0A
K08
Z–1
M04
M03
2–7
2–7
M05
M06
Z–1
K11
K13
K0F
FCS
Hold Reg 1
FCS
AUTO Gain
FCS PWM
27
FCS SRCH
M07
2–1
K06
AGFON
K06
DFCT
FCS
Hold Reg 2
FCS
In Reg
Sin ROM
FCS Servo Gain Down fs = 88.2kHz
K29
K28
K2A
K2C
Z–1
K27
Z–1
K25
K26
K24
Z–1
M04
M03
2–7
2–7
M05
M06
Z–1
K2D
K13
K2B
FCS
Hold Reg 1
FCS
AUTO Gain
FCS PWM
27
FCS SRCH
M07
2–1
K06
DFCT
FCS
Hold Reg 2
FCS
In Reg
Note) Set the MSB bit of the K0B and K0D coefficients to 0.
Note) Set the MSB bit of the K27 and K29 coefficients to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com