Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 96 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 96 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 92Page - Sony Corporation CXD3003R Datasheet HTML 93Page - Sony Corporation CXD3003R Datasheet HTML 94Page - Sony Corporation CXD3003R Datasheet HTML 95Page - Sony Corporation CXD3003R Datasheet HTML 96Page - Sony Corporation CXD3003R Datasheet HTML 97Page - Sony Corporation CXD3003R Datasheet HTML 98Page - Sony Corporation CXD3003R Datasheet HTML 99Page - Sony Corporation CXD3003R Datasheet HTML 100Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 137 page
background image
– 96 –
CXD3003R
<Measurement>
• VC AVRG
The offset can be canceled by measuring the VC level which is the center voltage for the system and using
that value to apply compensation to each input error signal.
• FE AVRG
The FE signal DC level is measured. In addition, compensation is applied to the FZC comparator level output
from the SENS pin during FCS SEARCH (focus search) using these measurement results.
• TE AVRG
The TE signal DC level is measured.
• RF AVRG
The MIRR, DFCT and FOK signals are generated from the RF signal. Since the FOK signal is generated by
comparing the RF signal at a certain level, it is necessary to establish a zero level which becomes the
comparator level reference. Therefore, the RF signal is measured before playback, and is compensated to
take this level as the zero level.
An example of sending AVRG measurement and compensation commands is shown below.
(Example)
$380800 (RF AVRG measurement on)
$382000 (FE AVRG measurement on)
$380010 (TE AVRG measurement on)
$388000 (VC AVRG measurement on)
(Complete each AVRG measurement before starting the next.)
$38140A (RFLC, FLC0, FLC1 and TLC1 commands on)
(The required compensation should be turned on together; see Fig. 5-3.)
An interval of 5.8ms (when MCK = 128Fs) or more must be maintained between each command, or the SENS
pin must be monitored to confirm that the previous command has been completed before the next AVRG
command is sent.
<Compensation>
See Fig. 5-3 for the contents of each compensation below.
• RFLC
The difference by which the RF signal exceeds the RF AVRG value is input to the RF In register.
(00 is input when the RF signal is lower than the RF AVRG value.)
• TCL0
The value obtained by subtracting the VC AVRG value from the TE signal is input to the TRK In register.
• TCL1
The value obtained by subtracting the TE AVRG value from the TE signal is input to the TRK In register.
• VCLC
The value obtained by subtracting the VC AVRG value from the FE signal is input to the FCS In register.
• FLC1
The value obtained by subtracting the FE AVRG value from the FE signal is input to the FCS In register.
• FLC0
The value obtained by subtracting the FE AVRG value from the FE signal is input to the FZC register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com