Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 71 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 71 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 67Page - Sony Corporation CXD3003R Datasheet HTML 68Page - Sony Corporation CXD3003R Datasheet HTML 69Page - Sony Corporation CXD3003R Datasheet HTML 70Page - Sony Corporation CXD3003R Datasheet HTML 71Page - Sony Corporation CXD3003R Datasheet HTML 72Page - Sony Corporation CXD3003R Datasheet HTML 73Page - Sony Corporation CXD3003R Datasheet HTML 74Page - Sony Corporation CXD3003R Datasheet HTML 75Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
– 71 –
CXD3003R
[3] Description of Modes
This LSI has three basic operating modes using a combination of spindle control and the PLL. The operations
for each mode are described below.
§3-1. CLV-N Mode
This mode is compatible with the CXD2510Q, and operation is the same as for conventional control (however,
variable pitch cannot be used). The PLL capture range is ±150kHz.
§3-2. CLV-W Mode
This is the wide capture range mode. This mode allows PLL to follow the rotational velocity of the disc. This
rotational following control has two types: using the built-in VCO2 or providing an external VCO. The spindle is
the same CLV servo as for the conventional series. Operation using the built-in VCO2 is described below.
(When using an external VCO, input the signal from the VPCO pin to the low-pass filter, use the output from
the low-pass filter as the control voltage for the external VCO, and input the oscillation from the VCO to the
VCKI pin.)
When starting to rotate the disc and/or speeding up to the lock range from the condition where the disc is
stopped, CAV-W mode should be used. Specifically, first send $E665X to set CAV-W mode and kick the disc,
then send $E60CX to set CLV-W mode if ALOCK is high, which can be read out serially from the SQSO pin.
CLV-W mode can be used while ALOCK is high. The microcomputer monitors the serial data output, and must
return the operation to the speed adjusting state (CAV-W mode) when ALOCK becomes low. The control flow
according to the microcomputer software in CLV-W mode is shown in Fig. 3-2.
In CLV-W mode (normal), low power consumption is achieved by setting LPWR to high. Control was formerly
performed by applying acceleration and deceleration pulses to the spindle motor. However, when LPWR is set
high, deceleration pulses are not output, thereby achieving low power consumption mode.
CLV-W mode supports control only by the ternary output of the MDP pin. Therefore, when using CLV-W mode,
set DCLV PWM MD to low.
Note) The capture range for this mode is theoretically up to the signal processing limit.
§3-3. CAV-W Mode
This is CAV mode. In this mode, the external clock is fixed and it is possible to control the spindle to the
desired rotational velocity. The rotational velocity is determined by the VP0 to 7 setting values or the external
PWM. When controlling the spindle with VP0 to 7, setting CAV-W mode with the $E665X command and
controlling VP0 to 7 with the $DX commands allows the rotational velocity to be varied from low speed to 20
×
speed. (See "$DX commands".) Also, when controlling the spindle with the external PWM, the PWMI pin is
binary input which becomes KICK during high intervals and BRAKE during low intervals.
The microcomputer can know the rotational velocity using V16M. The reference frequency for the velocity
measurement is a signal of 132.3kHz obtained by dividing XTAL (XTLI, XTLO) (384Fs) by 128. The velocity is
obtained by counting V16M/2 pulses while the reference is high, and the result is output from the new CPU
interface as 10 bits (VP0 to 9). These measurement results are 31 when the disc is rotating at normal speed or
127 when it is rotating at quadruple speed. These values match those of the 256 - n for control with VP0 to 7.
(See Table 2-5 and Fig. 2-6.)
In CAV-W mode, the spindle is set to the desired rotational velocity and the operation speed for the entire
system follows this rotational velocity. Therefore, the cycles for the Fs system clock, PCM data and all other
output signals from this LSI change according to the rotational velocity of the disc.
Note) The capture range for this mode is theoretically up to the signal processing limit.
Note) Set FLFC to 1 for this mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com