Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 7Page - Sony Corporation CXD3003R Datasheet HTML 8Page - Sony Corporation CXD3003R Datasheet HTML 9Page - Sony Corporation CXD3003R Datasheet HTML 10Page - Sony Corporation CXD3003R Datasheet HTML 11Page - Sony Corporation CXD3003R Datasheet HTML 12Page - Sony Corporation CXD3003R Datasheet HTML 13Page - Sony Corporation CXD3003R Datasheet HTML 14Page - Sony Corporation CXD3003R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
– 11 –
CXD3003R
(2) CLOK, DATA, XLAT, SQCK and EXCK pins
(VDD = AVDD = 3.3V ±10%, VSS = AVSS = 0V, Topr = –20 to +75°C)
Clock frequency
Clock pulse width
Setup time
Hold time
Delay time
Latch pulse width
EXCK SQCK frequency
EXCK SQCK pulse width
CNIN frequency∗
CNIN pulse width∗
fCK
tWCK
tSU
tH
tD
tWL
fT
tWT
fT
tWT
30
30
30
30
750
750
7.5
16
0.65
65
MHz
ns
ns
ns
ns
ns
MHz
ns
kHz
µs
Item
Symbol
Min.
Typ.
Max.
Unit
tWCK
tWCK
1/fCK
tH
tSU
tWL
tD
1/fT
tWT
tWT
tH
tSU
CLOK
DATA
XLAT
EXCK
SQCK
CNIN
SBSO
SQSO
∗ Only when $44 and $45 are executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com