Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 91 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 91 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 87Page - Sony Corporation CXD3003R Datasheet HTML 88Page - Sony Corporation CXD3003R Datasheet HTML 89Page - Sony Corporation CXD3003R Datasheet HTML 90Page - Sony Corporation CXD3003R Datasheet HTML 91Page - Sony Corporation CXD3003R Datasheet HTML 92Page - Sony Corporation CXD3003R Datasheet HTML 93Page - Sony Corporation CXD3003R Datasheet HTML 94Page - Sony Corporation CXD3003R Datasheet HTML 95Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 137 page
background image
– 91 –
CXD3003R
§4-9. DAC Block Playback Speed
• The DAC block playback speed is controlled by sending the DADS command to the DSP block.
Mode
1
2
768fs
384fs
0
1
X'tal
DADS
§4-10. DAC Block Input Timing
The DAC input timing chart is shown below.
Audio data is not transferred from the CD signal processor block to the DAC block inside the CXD3003R. This
is to allow data to be sent to the DAC block via the audio DSP, etc.
When the data is input to the DAC block without using the audio DSP, the data must be connected outside the
LSI. In this case, LRCK, BCK and PCMD can be connected directly with LRCKI, BCKI and PCMDI,
respectively. (See the Application Circuit.)
Normal-Speed Playback
L15
Invalid
L14 L13 L12 L11 L10
L9
L8
L7
L6
L5
L4
L3
L2
L1
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
L0
LRCKI
(44.1k)
BCKI
(2.12M)
PCMDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com