Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 1 Page - Sony Corporation

  CXD3003R Datasheet HTML 1Page - Sony Corporation CXD3003R Datasheet HTML 2Page - Sony Corporation CXD3003R Datasheet HTML 3Page - Sony Corporation CXD3003R Datasheet HTML 4Page - Sony Corporation CXD3003R Datasheet HTML 5Page - Sony Corporation CXD3003R Datasheet HTML 6Page - Sony Corporation CXD3003R Datasheet HTML 7Page - Sony Corporation CXD3003R Datasheet HTML 8Page - Sony Corporation CXD3003R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
Description
The CXD3003R is a digital signal processor LSI for
CD players. This LSI incorporates a digital servo,
digital filter and 1-bit DAC.
Features
• All digital signal processing during playback is
performed with a single chip
• Highly integrated mounting possible due to a built-
in RAM
Digital Signal Processor (DSP) Block
• Playback mode supporting CAV (Constant Angular
Velocity)
• Frame jitter free
• 0.5
× to 24× continuous playback possible with a
low external clock
• Allows relative rotational velocity readout
• Wide capture range playback mode
• Spindle rotational velocity following method
• Supports 1
× to 24× playback by switching the built-
in VCO
• The bit clock, which strobes the EFM signal, is
generated by the digital PLL
• EFM data demodulation
• Enhanced EFM frame sync signal protection
• Refined
super
strategy-based
powerful
error
correction
C1: double correction, C2: quadruple correction
Supported during 24
× playback
• Noise reduction during track jumps
• Auto zero-cross mute
• Subcode demodulation and Sub Q data error
detection
• Digital spindle servo (built-in oversampling filter)
• 16-bit traverse counter
• Asymmetry compensation circuit
• CPU interface on serial bus
• Error correction monitor signal, etc. output from a
new CPU interface
• Servo auto sequencer
• Fine search performs track jumps with high
accuracy
• Digital audio interface outputs
• Digital level meter, peak meter
• Bilingual compatible
• VCO control mode
Digital Servo (DSSP) Block
• Microcomputer
software-based
flexible
servo
control
• Offset cancel function for servo error signal
• Auto gain control function for servo loop
• E:F balance, focus bias adjustment function
• Surf jump function supporting micro two-axis
Digital Filter and DAC Blocks
• Digital de-emphasis
• Digital attenuation
• 4Fs oversampling filter
• Adoption of a secondary
∆∑ noise shaper
• Supports double-speed playback
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings
• Supply voltage
VDD
–0.3 to +4.6
V
• Input voltage
VI
–0.3 to +4.6
V
(VSS – 0.3V to VDD + 0.3V)
• Output voltage
VO
–0.3 to +4.6
V
• Storage temperature Tstg
–40 to +125
°C
• Supply voltage difference
VSS – AVSS –0.3 to +0.3
V
VDD – AVDD –0.3 to +0.3
V
Recommended Operating Conditions
• Supply voltage
VDD∗
3.0 to 4.0
V
• Operating temperature
Topr
–20 to +75
°C
∗ The V
DD
(min.) for the CXD3003R varies
according to the playback speed and built-in VCO
selection. The VDD (min.) for the CXD3003R under
various conditions are as shown on the following
page.
– 1 –
CXD3003R
E97306A88
CD Digital Signal Processor with Built-in Digital Servo and DAC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
144 pin LQFP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXD3003R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
CD Digital Signal Processor with Built-in Digital Servo
CXD3009Q SONY-CXD3009Q Datasheet
515Kb / 63P
CD Digital Signal Processor
More results

Similar Description - CXD3003R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2548R SONY-CXD2548R Datasheet
1Mb / 113P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2597Q SONY-CXD2597Q Datasheet
881Kb / 115P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3017Q SONY-CXD3017Q Datasheet
1Mb / 117P
CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com