Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 82 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 82 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 78Page - Sony Corporation CXD3003R Datasheet HTML 79Page - Sony Corporation CXD3003R Datasheet HTML 80Page - Sony Corporation CXD3003R Datasheet HTML 81Page - Sony Corporation CXD3003R Datasheet HTML 82Page - Sony Corporation CXD3003R Datasheet HTML 83Page - Sony Corporation CXD3003R Datasheet HTML 84Page - Sony Corporation CXD3003R Datasheet HTML 85Page - Sony Corporation CXD3003R Datasheet HTML 86Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 137 page
background image
– 82 –
CXD3003R
• 2N-track jump
When $4C ($4D for REV) is received from the CPU, a FWD (REV) 2N-track jump is performed in
accordance with Fig. 4-11. The track jump count N is set with register 7. Although N can be set to 216
tracks, note that the setting is actually limited by the actuator. COUT is used for counting the number of
jumps when N is less than 16, and MIRR is used with N is 16 or more.
Although the 2N-track jump basically follows the same sequence as the 10-track jump, the one difference is
that after the tracking servo is turned on, the sled continues to move only for "D", set with register 6.
• Fine search
When $44 ($45 for REV) is received from the CPU, a FWD (REV) fine search (N-track jump) is performed
in accordance with Fig. 4-12. The differences from a 2N-track jump are that a higher precision is achieved
by controlling the traverse speed, and a longer distance jump achieved by controlling the sled. The track
jump count is set with register 7. N can be set to 216 tracks. After kicking the actuator and sled, the traverse
speed is controlled based on the overflow G. Set kick D and F with register 6 and overflow G with register 5.
Also, sled speed control during traverse can be turned off by causing COMP to fall. Set the number of
tracks during which COMP falls with register B. After N tracks have been counted through COUT, the brake
is applied to the actuator and sled. (This is performed by turning on the tracking servo for the actuator, and
by kicking the sled in the opposite direction during the time for kick D set with register 6.) Then, the tracking
and sled servos are turned on.
Set overflow G to the speed required to slow up just before the track jump terminates. (The speed should
be such that it will come on-track when the tracking servo turns on at the termination of the track jump.) For
example, set the target track count N –
α for the traverse monitor counter which is set with register B, and
COMP will be monitored. When the falling edge of this COMP is detected, overflow G can be reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com