Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 97 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 97 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 93Page - Sony Corporation CXD3003R Datasheet HTML 94Page - Sony Corporation CXD3003R Datasheet HTML 95Page - Sony Corporation CXD3003R Datasheet HTML 96Page - Sony Corporation CXD3003R Datasheet HTML 97Page - Sony Corporation CXD3003R Datasheet HTML 98Page - Sony Corporation CXD3003R Datasheet HTML 99Page - Sony Corporation CXD3003R Datasheet HTML 100Page - Sony Corporation CXD3003R Datasheet HTML 101Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 137 page
background image
– 97 –
CXD3003R
§5-4. E:F Balance Adjustment Function
When the disc is rotated with the laser on, and with the FCS (focus) servo on via FCS Search (focus search),
the traverse waveform appears in the TE signal due to disc eccentricity.
In this condition, the low-frequency component can be extracted from the TE signal using the built-in TRK hold
filter by setting D5 (TBLM) of $38 to 1.
The extracted low-frequency component is loaded into the TRVSC register as a digital value, and the TRVSC
register value is established when TBLM returns to 0.
Next, setting D2 (TLC2) of $38 to 1 compensates TE and SE values with the TRVSC register value
(subtraction), resulting the E:F balance offset to be adjusted. (See Fig. 5-3.)
§5-5. FCS Bias (Focus Bias) Adjustment Function
The FBIAS register value can be added to the FCS servo filter input by setting D14 (FBON) of $3A to 1. (See
Fig. 5-3.)
When the FBIAS register value is set when D11 = 0 and D10 = 1 with $34F, data can be written using the 9-bit
value of D9 to D1 (D9: MSB).
In addition, the RF jitter can be monitored by setting the SOCT command of $8 to 1. (See "DSP Block Timing
Chart".)
The FBIAS register can be used as a counter by setting D13 (FBSS) of $3A to 1. The FBIAS register functions
as an up counter when D12 (FBUP) of $3A = 1, and as a down counter when D12 (FBUP) of $3A = 0.
The number of up and down steps can be changed by setting D11 and D10 (FBV1 and FBV0) of $3A.
When using the FBIAS register as a counter, the counter stops if the FBIAS value the value set beforehand in
FLB9 to 1 of $34 matches. Also, if the upper 8 bits of the command register are $3A at this time, the counter
stop can be monitored through SENS.
A
B
C
FBIAS setting value (FB9 to 1)
LIMIT value (FLB9 to 1)
SENS pin
A: Register mode
B: Counter mode
C: Counter mode (when stopped)
Here, assume the FBIAS setting value FB9 to 1
and the FBIAS LIMIT value FBL9 to 1 like status
A. For example, if command registers FBUP = 0,
FBV1 = 0, FBV0 = 0 and FBSS = 1 are set from
this status, down count starts from status A and
approaches the set LIMIT value. When the
FBIAS value matches FBL9 to 1, the counter
stops and the SENS pin goes to high. Note that
the up/down counter counts at each sampling
cycle of the focus servo filter. The number of
steps by which the count value changes can be
selected from 1, 2, 4 or 8 steps by FBV1 and
FBV0. When converted to FE input, 1 step
corresponds to 1/512
× VDD/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com