Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 46 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 46 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 42Page - Sony Corporation CXD3003R Datasheet HTML 43Page - Sony Corporation CXD3003R Datasheet HTML 44Page - Sony Corporation CXD3003R Datasheet HTML 45Page - Sony Corporation CXD3003R Datasheet HTML 46Page - Sony Corporation CXD3003R Datasheet HTML 47Page - Sony Corporation CXD3003R Datasheet HTML 48Page - Sony Corporation CXD3003R Datasheet HTML 49Page - Sony Corporation CXD3003R Datasheet HTML 50Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 137 page
background image
– 46 –
CXD3003R
• DAC digital attenuator
Command
Data 3
D15
AT1D
7
AT1D
6
AT1D
5
AT1D
4
AT1D
3
AT1D
2
AT1D
1
AT1D
0
AT2D
7
AT2D
6
AT2D
5
AT2D
4
AT2D
3
AT2D
2
AT2D
1
AT2D
0
Audio
Ctrl
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Data 4
Data 5
Data 6
Note) AT1D7 to AT1D0 are the channel 1 ATT control bits.
AT2D7 to AT2D0 are the channel 2 ATT control bits.
Command bits
AT1D7 to AT1D0
(AT2D7 to AT2D0)
FF (H)
FE (H)
↓
01 (H)
00 (H)
0dB
–0.034dB
↓
–48.131dB
–
∞
Audio output
The attenuation data consists of 8 bits each for channels
1 and 2; the DAC ATT bit can be used to control
channels 1 and 2 with common attenuation data. (When
common attenuation data is specified, the attenuation
values for channel 1 are used.)
An attenuation value, from 00 (H) to FF (H), is
determined according to the following equation:
ATT = 20 log [input data/255] dB
Example: When the attenuation data is FA (H):
ATT = 20 log [250/255] dB = –0.172dB
• Soft mute
With the soft mute function, when the attenuation data goes from FF (H) and 00 (H) and vice versa, muting is
turned on and off over the muting time of 1024Fs [s] = 23.2 [ms] (Fs = 44.1kHz).
• Attenuation
Assume the attenuation data ATT1, ATT2 and ATT3, where ATT1 > ATT3 > ATT2. First, assume ATT1 is
transferred and then ATT2 is transferred. If ATT2 is transferred before ATT1 is reached (state "A" in the
diagram), then the value continues approaching ATT2. Next, if ATT3 is transferred before ATT2 is reached
(state "B" or "C" in the diagram), the attenuation begins approaching ATT3 from the current point. Note that it
takes 1024/Fs [s] (Fs = 44.1kHz for CD players) to transit between attenuation data (from 0dB to –
∞).
ATT1
A
B
C
ATT2
0dB
ATT3
Handling of the Attenuation Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com