Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 38 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 38 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 34Page - Sony Corporation CXD3003R Datasheet HTML 35Page - Sony Corporation CXD3003R Datasheet HTML 36Page - Sony Corporation CXD3003R Datasheet HTML 37Page - Sony Corporation CXD3003R Datasheet HTML 38Page - Sony Corporation CXD3003R Datasheet HTML 39Page - Sony Corporation CXD3003R Datasheet HTML 40Page - Sony Corporation CXD3003R Datasheet HTML 41Page - Sony Corporation CXD3003R Datasheet HTML 42Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 137 page
background image
– 38 –
CXD3003R
Command bit
Processing
XVCO2 THRU = 0
XVCO2 THRU = 1
V16M output is connected internally to VCKI.
V16M output is not connected internally. Input the clock from VCKI.
Command bit
Processing
VCO2 CS = 0
VCO2 CS = 1
Low-speed wide-band PLL VCO2 is selected.
High-speed wide-band PLL VCO2 is selected.
∗ This command sets internal or external connection for the VCO2 used in CAV-W mode.
∗ The CXD3003R has two wide-band PLL VCO2, and this command selects one of these VCO1.
∗ Block diagram for VCO1 and VCO2 including VCOSEL1, VCOSEL2, KSL0 to 3, VCO1CS0, VCO1CS1 and
VCO2 CS.
∗ The CXD3003R has four multiplier PLL VCO1s, and this command selects one of these VCO1s.
Four VCOs are No.3, No.4, No.2 and No.1 in order of the maximum frequency.
Command bit
VCO1CS1
VCO1CS0
Processing
No.1 (Low-speed VCO for CXD3003)
No.2 (Middle-speed VCO for CXD3003)
No.3 (High-speed VCO for CXD3003)
No.4
0
0
1
1
0
1
0
1
Command
Data 4
MODE
specification
VCO1
CS1
VCO1
CS0
XVCO2
THRU
D11
D10
D9
D8
VCO2
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com