Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 5Page - Sony Corporation CXD3003R Datasheet HTML 6Page - Sony Corporation CXD3003R Datasheet HTML 7Page - Sony Corporation CXD3003R Datasheet HTML 8Page - Sony Corporation CXD3003R Datasheet HTML 9Page - Sony Corporation CXD3003R Datasheet HTML 10Page - Sony Corporation CXD3003R Datasheet HTML 11Page - Sony Corporation CXD3003R Datasheet HTML 12Page - Sony Corporation CXD3003R Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 137 page
background image
– 9 –
CXD3003R
Electrical Characteristics
1. DC Characteristics
(VDD = AVDD = 3.3V ± 10%, VSS = AVSS = 0V, Topr = –20 to +75°C)
Item
Input leak current (1)
Input leak current (2)
Tri-state pin
output leak current
High level input voltage
Low level input voltage
High level input voltage
Low level input voltage
High level input voltage
Low level input voltage
High level input voltage
Low level input voltage
Input voltage
Input voltage
High level output voltage
Low level output voltage
High level output voltage
Low level output voltage
High level output voltage
Low level output voltage
Low level output voltage
High level output voltage
Low level output voltage
Input voltage (1)
Input voltage (2)
Input voltage (3)
Input voltage (4)
Input voltage (5)
Input voltage (6)
Output voltage (1)
Output voltage (2)
Output voltage (3)
Output voltage (4)
Output voltage (5)
VIH (1)
VIL (1)
VIH (2)
VIL (2)
VIH (3)
VIL (3)
VIH (4)
VIL (4)
VIN (5)
VIN (6)
VOH (1)
VOL (1)
VOH (2)
VOL (2)
VOH (3)
VOL (3)
VOL (4)
VOH (5)
VOL (5)
ILI (1)
ILI (2)
ILO
0.7VDD
0.7VDD
0.7VDD
0.7VDD
VSS
VSS
VDD – 0.4
0
VDD – 0.4
0
VDD – 0.2
0
0
VDD – 0.5
0
–10
–20
–5
0.2VDD
0.2VDD
0.2VDD
0.2VDD
VDD
VDD
VDD
0.4
VDD
0.4
VDD
0.4
0.4
VDD
0.4
10
20
5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
Conditions
Min.
Typ.
Max.
Unit Applicable pins
Applicable pins
∗1 BCKI, DTS0, DTS1, DTS2, LRCKI, PCMDI, TES2, TES3, TEST
∗2 ASYE, FSTI, VCKI
∗3 ATSK, DATA, DIRC, MD2, PWMI, SSTP, XLAT, XTSL, XWO
∗4 CLOK, EXCK, MUTE, SCLK, SCSY, SQCK, XRST
∗5 ASYI, BIAS, CLTV, FILI, IGEN, RFAC, VCTL
∗6 CE, FE, SE, TE, VC, RFDC
∗7 ASYO, C16M, C4M, DA01 to DA16, DAS0, DAS1, DOUT, FFDR, FRDR, FSTO, LRCK, MON, PSSL,
SBSO, SCOR, SFDR, SQSO, SRDR, TFDR, TRDR, WDCK, WFCK
∗8 FSW
∗9 MCKO
∗10 AO1F, AO1R, AO2F, AO2R, MDP, MDS, PCO, PDO, SENS, V16M, VPCO1, VPCO2
∗11 FILO
∗12 COUT, DFCT, FOK, LOCK, MIRR
Schmitt input
VI
≤ 5.5V
VI
≤ 5.5V
Schmitt input
Analog input
Analog input
IOH = –8mA
IOL = 8mA
IOH = –4mA
IOL = 4mA
IOH = –2mA
IOL = 4mA
IOL = 4mA
IOH = –0.28mA
IOH = 0.36mA
VI = 0 to 5.5V
VI = 0.25VDD
to 0.75VDD
VO = 0 to 3.6V
∗1, ∗12
∗2
∗3
∗4
∗5
∗6
∗9
∗7, ∗10
∗12
∗7, ∗10
∗12
∗8
∗11
∗3, ∗4, ∗5
∗6
∗10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com