Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 40 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 40 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 36Page - Sony Corporation CXD3003R Datasheet HTML 37Page - Sony Corporation CXD3003R Datasheet HTML 38Page - Sony Corporation CXD3003R Datasheet HTML 39Page - Sony Corporation CXD3003R Datasheet HTML 40Page - Sony Corporation CXD3003R Datasheet HTML 41Page - Sony Corporation CXD3003R Datasheet HTML 42Page - Sony Corporation CXD3003R Datasheet HTML 43Page - Sony Corporation CXD3003R Datasheet HTML 44Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 137 page
background image
– 40 –
CXD3003R
Command bit
Processing
SCOR SEL = 0
SCOR SEL = 1
FSW signal is output.
GRSCOR (protected SCOR) is output.
Command bit
Processing
SCSY = 0
SCSY = 1
No processing.
GRSCOR (protected SCOR) synchronization is applied again.
∗ Used when outputting GRSCOR from the FSW pin.
∗ Used to resynchronize GRSCOR.
the rising edge signal of this command bit is used internally. Therefore, when resynchronizing GRSCOR, first
return the setting to 0 and then set to 1.
GRSCOR achieves the crystal accuracy by removing the jitter components included in the SCOR signal. This
signal is synchronized with PCMDATA.
The resynchronization conditions are when GTOP = high or when the SCSY pin = high.
(Same as when SCSY = 1 is sent by the $8X command.)
Command
Data 5
MODE
specification
ERC4
SCOR
SEL
SCSY
0
D7
D6
D5
D4
Command bit
Processing
ERC4 = 0
ERC4 = 1
C2 error double correction is performed when DSPB = 1.
C2 error quadruple correction is performed when DSPB = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com