Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 65 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 65 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 61Page - Sony Corporation CXD3003R Datasheet HTML 62Page - Sony Corporation CXD3003R Datasheet HTML 63Page - Sony Corporation CXD3003R Datasheet HTML 64Page - Sony Corporation CXD3003R Datasheet HTML 65Page - Sony Corporation CXD3003R Datasheet HTML 66Page - Sony Corporation CXD3003R Datasheet HTML 67Page - Sony Corporation CXD3003R Datasheet HTML 68Page - Sony Corporation CXD3003R Datasheet HTML 69Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 137 page
background image
– 65 –
CXD3003R
[2] Subcode Interface
There are two methods for reading out a subcode externally.
The 8-bit subcodes P to W can be read out from SBSO by inputting EXCK.
Sub Q can be read out after checking CRC of the 80 bits in the subcode frame.
Sub Q can be read out from the SQSO pin by inputting 80 clock pulses to the SQCK pin when SCOR comes
correctly and CRCF is high.
§2-1. P to W Subcode Readout
Data can be read out by inputting EXCK immediately after WFCK falls. (See Timing Chart 2-1.)
§2-2. 80-bit Sub Q Readout
Fig. 2-2 shows the peripheral block of the 80-bit Sub Q register.
• First, Sub Q, regenerated at one bit per frame, is input to the 80-bit serial/parallel register and the CRC check
circuit.
• 96-bit Sub Q is input, and if the CRC is OK, it is output to SQSO with CRCF = 1. In addition, 80 bits are
loaded into the parallel/serial register.
When SQSO goes high after SCOR is output, the CPU determines that new data (which passed the CRC
check) has been loaded.
• When the 80-bit data is loaded, the order of the MSB and LSB is inverted within each byte. As a result,
although the sequence of the bytes is the same, the bits within the bytes are now ordered LSB first.
• Once the 80-bit data load is confirmed, SQCK is input so that the data can be read.
The SQCK input is detected, and the retriggerable monostable multivibrator is reset while the input is low.
• The retriggerable monostable multivibrator has a time constant from 270 to 400µs. When the duration when
SQCK is high is less than this time constant, the monostable multivibrator is kept reset; during this interval,
the serial/parallel register is not loaded into the parallel/serial register.
• While the monostable multivibrator is being reset, data cannot be loaded in the peak detection parallel/serial
register or the 80-bit parallel/serial register.
In other words, while reading out with a clock cycle shorter than this time constant, the register will not be
rewritten by CRCOK and others.
• The previously mentioned peak detection register can be connected to the shift-in of the 80-bit parallel/serial
register.
For ring control 1, input and output are shorted during peak meter and level meter modes.
For ring control 2, input and output are shorted during peak meter mode.
This is because the register is reset with each readout in level meter mode, and to prevent readout
destruction in peak meter mode.
As a result, the 96-bit clock must be input in peak meter mode.
• The absolute time after peak is stored in the memory in peak meter mode. (See Timing Chart 2-3.)
• The high and low intervals for SQCK should be between 750ns and 120µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com