Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 55 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 55 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 51Page - Sony Corporation CXD3003R Datasheet HTML 52Page - Sony Corporation CXD3003R Datasheet HTML 53Page - Sony Corporation CXD3003R Datasheet HTML 54Page - Sony Corporation CXD3003R Datasheet HTML 55Page - Sony Corporation CXD3003R Datasheet HTML 56Page - Sony Corporation CXD3003R Datasheet HTML 57Page - Sony Corporation CXD3003R Datasheet HTML 58Page - Sony Corporation CXD3003R Datasheet HTML 59Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 137 page
background image
– 55 –
CXD3003R
Command bit
FCSW = 0
FCSW = 1
The VPCO2 pin is not used and it is high impedance.
The VPCO2 pin is used and the pin signal is the same as VPCO1.
Processing
Command
SPD mode
Data 4
• This sets the gain when controlling the spindle with the phase
comparator in CAV-W mode.
D11
D10
D9
D8
Gain
CAV1
Gain
CAV0
FCSW
INV
NPCO
Gain
CAV1
0
0
1
1
Gain
CAV0
0
1
0
1
Gain
0dB
–6dB
–12dB
–18dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com