Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 44 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 44 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 40Page - Sony Corporation CXD3003R Datasheet HTML 41Page - Sony Corporation CXD3003R Datasheet HTML 42Page - Sony Corporation CXD3003R Datasheet HTML 43Page - Sony Corporation CXD3003R Datasheet HTML 44Page - Sony Corporation CXD3003R Datasheet HTML 45Page - Sony Corporation CXD3003R Datasheet HTML 46Page - Sony Corporation CXD3003R Datasheet HTML 47Page - Sony Corporation CXD3003R Datasheet HTML 48Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 137 page
background image
– 44 –
CXD3003R
Command
Data 1
Audio CTRL
0
0
Mute
ATT
D23
D22
D21
D20
Data 2
PCT1
PCT2
D19
D18
DADS
SOC2
D17
D16
$AX commands
Command bit
Mute = 0
Mute = 1
Mute off if other mute
conditions are not set.
Mute on. Peak register
reset.
Meaning
Command bit
ATT = 0
ATT = 1
Attenuation off
–12dB
Meaning
Mute conditions
(1) When register A mute = 1.
(2) When Mute pin = 1.
(3) When register 8 D.out Mute F = 1 and the Digital Out is on (MD2 pin = 1).
(4) When GFS stays low for over 35ms (during normal speed).
(5) When register 9 BiliGL MAIN = Sub = 1.
(6) When register A PCT1 = 1 and PCT2 = 0.
(1) to (4) perform zero-cross muting with a 1ms time limit.
Command bit
PCT1
0
0
1
1
PCT2
0
1
0
1
Normal mode
Level meter mode
Peak meter mode
Normal mode
× 0dB
× 0dB
Mute
× 0dB
C1: double; C2: quadruple
C1: double; C2: quadruple
C1: double; C2: double
C1: double; C2: double
Meaning
PCM Gain
ECC error correction ability
Description of level meter mode (see Timing Chart 1-4.)
• When the LSI is set to this mode, it performs digital level meter functions.
• When the 96-bit clock is input to SQCK, 96 bits of data are output to SQSO.
The initial 80 bits are Sub Q data (see §2. Subcode Interface). The last 16 bits are LSB first, which are 15-bit
PCM data (absolute values) and an L/R flag.
The L/R flag is high when the 15-bit PCM data is from the left channel and low when the data is from the right
channel.
• The PCM data is reset and the L/R flag is reversed after one readout.
Then maximum value measuring continues until the next readout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com