Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 49 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 49 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 45Page - Sony Corporation CXD3003R Datasheet HTML 46Page - Sony Corporation CXD3003R Datasheet HTML 47Page - Sony Corporation CXD3003R Datasheet HTML 48Page - Sony Corporation CXD3003R Datasheet HTML 49Page - Sony Corporation CXD3003R Datasheet HTML 50Page - Sony Corporation CXD3003R Datasheet HTML 51Page - Sony Corporation CXD3003R Datasheet HTML 52Page - Sony Corporation CXD3003R Datasheet HTML 53Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 137 page
background image
– 49 –
CXD3003R
$DX commands
See "$CX commands".
Command bit
DCLV PWM MD = 1
DCLV PWM MD = 0
Digital CLV PWM mode specified. Both MDS and MDP are used.
CLV-W and CAV-W modes cannot be used.
Digital CLV PWM mode specified. Ternary MDP values are output.
CLV-W and CAV-W modes can be used.
Description
Command bit
TB = 0
TB = 1
TP = 0
TP = 1
Bottom hold at a cycle of RFCK/32 in CLVS and CLVH modes.
Bottom hold at a cycle of RFCK/16 in CLVS and CLVH modes.
Peak hold at a cycle of RFCK/4 in CLVS mode.
Peak hold at a cycle of RFCK/2 in CLVS mode.
Description
Command
Data 1
CLV CTRL
DCLV
PWM MD
TB
TP
Gain
CLVS
D23
D22
D21
D20
Command bit
FCSW
PCC1
PCC0
Processing
The VPCO1 signal is output and the VPCO2 pin is high impedance.
The VPCO1 and 2 pin outputs are high impedance.
The VPCO1 pin output is low and the VPCO2 pin is high impedance.
The VPCO1 pin output is high and the VPCO2 pin is high impedance.
The VPCO1 and 2 signals are output.
The VPCO1 and 2 pin outputs are high impedance.
The VPCO1 and 2 pin outputs are low.
The VPCO1 and 2 pin outputs are high.
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
• Processing for the $CX commands PCC1 and PCC2 and the $EX command FCSW is shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com