Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 74 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 74 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 70Page - Sony Corporation CXD3003R Datasheet HTML 71Page - Sony Corporation CXD3003R Datasheet HTML 72Page - Sony Corporation CXD3003R Datasheet HTML 73Page - Sony Corporation CXD3003R Datasheet HTML 74Page - Sony Corporation CXD3003R Datasheet HTML 75Page - Sony Corporation CXD3003R Datasheet HTML 76Page - Sony Corporation CXD3003R Datasheet HTML 77Page - Sony Corporation CXD3003R Datasheet HTML 78Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 137 page
background image
– 74 –
CXD3003R
[4] Description of Other Functions
§4-1. Channel Clock Regeneration by the Digital PLL Circuit
• The channel clock is necessary for demodulating the EFM signal regenerated by the optical system.
Assuming T as the channel clock cycle, the EFM signal is modulated in an integer multiple of T from 3T to
11T. In order to read the information in the EFM signal, this integer value must be read correctly. As a result,
T, that is the channel clock, is necessary.
In an actual player, a PLL is necessary for regenerating the channel clock because the fluctuation in the
spindle rotation alters the width of the EFM signal pulses.
The block diagram of this PLL is shown in Fig. 4-1.
The CXD3003R has a built-in three-stage PLL.
• The first-stage PLL is a wide-band PLL. When using the internal VCO2, an external LPF is necessary; when
not using the internal VCO2, external LPF and VCO are necessary.
The output of this first-stage PLL is used as a reference for all clocks within the LSI.
• The second-stage PLL regenerates the high-frequency clock needed by the third-stage digital PLL.
• The third-stage PLL is a digital PLL that regenerates the actual channel clock.
• The digital PLL in CLV-N mode has a secondary loop, and is controlled by the primary loop (phase) and the
secondary loop (frequency). When FLFC = 1, the secondary loop can be turned off. High frequency components
such as 3T and 4T may contain deviations. In such as case, turning the secondary loop off yields better
playability. However, in this case the capture range becomes ±50kHz.
• A new digital PLL has been provided for CLV-W mode to follow the rotational velocity of the disc in addition
to the conventional secondary loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com