Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 33 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 33 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 29Page - Sony Corporation CXD3003R Datasheet HTML 30Page - Sony Corporation CXD3003R Datasheet HTML 31Page - Sony Corporation CXD3003R Datasheet HTML 32Page - Sony Corporation CXD3003R Datasheet HTML 33Page - Sony Corporation CXD3003R Datasheet HTML 34Page - Sony Corporation CXD3003R Datasheet HTML 35Page - Sony Corporation CXD3003R Datasheet HTML 36Page - Sony Corporation CXD3003R Datasheet HTML 37Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 137 page
background image
– 33 –
CXD3003R
The meaning of the data for each address is explained below.
$4X commands
Register name
4
Data 1
Command
Data 2
MAX timer value
Data 3
Timer range
AS3
AS2
AS1
AS0
MT3
MT2
MT1
MT0
LSSL
0
0
0
Command
Cancel
Fine Search
Focus-on
1-Track Jump
10-Track Jump
2N-Track Jump
M Track Move
0
0
0
1
1
1
1
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
RXF
1
RXF
RXF
RXF
RXF
AS3
AS2
AS1
AS0
RXF = 0 Forward
RXF = 1 Reverse
• When the Focus-on command ($47) is canceled, $02 is sent and the auto sequence is interrupted.
• When the Track jump commands ($44 to $45, $48 to $4D) are canceled, $25 is sent and the auto sequence
is interrupted.
• To disable the MAX timer, set the MAX timer value to 0.
$5X commands
MAX timer value
MT3
23.2ms
1.49s
11.6ms
0.74s
5.8ms
0.37s
2.9ms
0.18s
0
1
0
0
0
0
0
0
MT2
MT1
MT0
LSSL
0
0
0
Timer range
Timer
TR3
TR2
TR1
TR0
Blind (A, E), Overflow (C, G)
Brake (B)
0.18ms
0.36ms
0.09ms
0.18ms
0.045ms
0.09ms
0.022ms
0.045ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com