Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 95 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 95 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 91Page - Sony Corporation CXD3003R Datasheet HTML 92Page - Sony Corporation CXD3003R Datasheet HTML 93Page - Sony Corporation CXD3003R Datasheet HTML 94Page - Sony Corporation CXD3003R Datasheet HTML 95Page - Sony Corporation CXD3003R Datasheet HTML 96Page - Sony Corporation CXD3003R Datasheet HTML 97Page - Sony Corporation CXD3003R Datasheet HTML 98Page - Sony Corporation CXD3003R Datasheet HTML 99Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 137 page
background image
– 95 –
CXD3003R
§5-2. Digital Servo Block Master Clock (MCK)
The FSTI pin is the reference clock input pin. The internal master clock (MCK) is generated by dividing the
frequency of the signal input to FSTI. The frequency division ratio is 1, 1/2 or 1/4.
Table 5-1 below assumes that the crystal clock generated from the digital signal processor block which is 2/3
frequency-divided of XTLI is input to the FSTI pin by externally connecting the FSTI pin and the FSTO pin.
The XT4D and XT2D command can be set with D13 and D12 of $3F, and the XT1D command can be set with
D1 of $3E. (Default = 0)
The digital servo block is designed with an MCK frequency of 5.6448MHz (128Fs) as typical.
Mode
1
2
3
4
5
6
7
384Fs
384Fs
384Fs
768Fs
768Fs
768Fs
768Fs
256Fs
256Fs
256Fs
512Fs
512Fs
512Fs
512Fs
∗
∗
0
∗
∗
∗
1
∗
∗
0
∗
∗
1
0
∗
1
0
∗
1
0
0
1
0
0
1
0
0
0
1
1/2
1/2
1
1/2
1/4
1/4
256Fs
128Fs
128Fs
512Fs
256Fs
128Fs
128Fs
XTLI
FSTO (FSTI)
XTSL
XT4D
XT2D
XT1D
Frequency division ratio
MCK
Fs = 44.1kHz,
∗: Don’t care
Table 5-1.
§5-3. AVRG (Average) Measurement and Compensation
The CXD3003R has a circuit that measures AVRG of RFDC, VC, FE and TE and a circuit that compensates
these signals to control the servo effectively.
AVRG measurement and compensation is necessary to initialize the CXD3003R, and is able to cancel the
offset.
The level applied to the VC, FE, RFDC and TE pins can be measured by setting D15 (VCLM), D13 (FLM), D11
(RFLM) and D4 (TCLM) of $38 respectively to 1.
AVRG measurement takes the level applied to each analog input pin as the average of 256 samples, and then
loads each value into the AVRG register.
AVRG measurement requires approximately 2.9ms to 5.8ms (when MCK = 128Fs) after the command is
received.
During AVRG measurement, if the upper 8 bits of the command register are 38 (Hex), the completion of AVRG
measurement operation can be confirmed through the SENS pin. (See Timing Chart 5-2.)
XLAT
SENS
(= XAVEBSY)
Max. 1µs
AVRG measurement completed
2.9 to 5.8ms
Timing Chart 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com