Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 10 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 6Page - Sony Corporation CXD3003R Datasheet HTML 7Page - Sony Corporation CXD3003R Datasheet HTML 8Page - Sony Corporation CXD3003R Datasheet HTML 9Page - Sony Corporation CXD3003R Datasheet HTML 10Page - Sony Corporation CXD3003R Datasheet HTML 11Page - Sony Corporation CXD3003R Datasheet HTML 12Page - Sony Corporation CXD3003R Datasheet HTML 13Page - Sony Corporation CXD3003R Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 137 page
background image
2. AC Characteristics
(1) XTLI pin, VCOI pin
(a) When using self-excited oscillation
(Topr = –20 to +75°C, VDD = AVDD = 3.3V ±10%)
(b) When inputting pulses to XTLI and VCOI pins
(Topr = –20 to +75°C, VDD = AVDD = 3.3V ±10%)
(c) When inputting sine waves to XTLI and VCOI pins via a capacitor
(Topr = –20 to +75°C, VDD = AVDD = 3.3V ±10%)
– 10 –
CXD3003R
Oscillation
frequency
fMAX
7
34
MHz
Item
Symbol
Min.
Typ.
Max.
Unit
High level pulse
width
tWHX
13
500
ns
Low level pulse
width
tWLX
13
500
ns
Pulse cycle
tCX
26
1000
ns
Input high level
VIHX
VDD – 1.0
V
Input low level
VILX
0.8
V
Rise time,
fall time
tR, tF
10
ns
Item
Symbol
Min.
Typ.
Max.
Unit
Input amplitude
VI
2.0
VDD + 0.3 Vp-p
Item
Symbol
Min.
Typ.
Max.
unit
tR
tF
tWHX
tWLX
tCX
VILX
VIHX
× 0.1
VIHX
× 0.9
VIHX
XTLI
VDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com