Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003R Datasheet(PDF) 101 Page - Sony Corporation

Part # CXD3003R
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003R Datasheet(HTML) 101 Page - Sony Corporation

Back Button CXD3003R Datasheet HTML 97Page - Sony Corporation CXD3003R Datasheet HTML 98Page - Sony Corporation CXD3003R Datasheet HTML 99Page - Sony Corporation CXD3003R Datasheet HTML 100Page - Sony Corporation CXD3003R Datasheet HTML 101Page - Sony Corporation CXD3003R Datasheet HTML 102Page - Sony Corporation CXD3003R Datasheet HTML 103Page - Sony Corporation CXD3003R Datasheet HTML 104Page - Sony Corporation CXD3003R Datasheet HTML 105Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 137 page
background image
– 101 –
CXD3003R
§5-7. FCS Servo and FCS Search (Focus Search)
The FCS servo is controlled by the 8-bit serial command $0X. (See Table 5-6.)
Register name Command
D23 to D20
D19 to D16
1 0
∗ ∗
1 1
∗ ∗
0
∗ 0 ∗
0
∗ 1 ∗
0
∗ 1 0
0
∗ 1 1
FOCUS SERVO ON (FOCUS GAIN NORMAL)
FOCUS SERVO ON (FOCUS GAIN DOWN)
FOCUS SERVO OFF, 0V OUT
FOCUS SERVO OFF, FOCUS SEARCH VOLTAGE OUT
FOCUS SEARCH VOLTAGE DOWN
FOCUS SEARCH VOLTAGE UP
0 0 0 0
FOCUS
CONTROL
0
Table 5-6.
FCS Search
FCS search is required in the course of turning on the FCS servo.
Fig. 5-7 shows the signals for sending commands $00
→ $02 → $03 and performing only FCS search operation.
Fig. 5-8 shows the signals for sending $08 (FCS on) after that.
FCSDRV
RF
FOK
FE
FZC
FZC comparator level
$00 $02
$03
0
0
FCSDRV
RF
FOK
FE
FZC
$00 $02
$03
0
$08
Fig. 5-7.
Fig. 5-8.
∗: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com