Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 112 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 112 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 108Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 109Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 110Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 111Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 112Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 113Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 114Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 115Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 116Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
112
Figure 50 Power On Reset timing - DCVDD Enabled First
The POR
¯¯¯ signal is undefined until LDOVDD has exceeded the minimum threshold, Vpora Once this
threshold has been exceeded, POR
¯¯¯ is asserted low and the chip is held in reset. In this condition, all
writes to the control interface are ignored. Once LDOVDD and DCVDD have both reached their
respective power on thresholds, POR
¯¯¯ is released high, all registers are in their default state, and
writes to the control interface may take place.
Note that a minimum power-on reset period, TPOR, applies even if LDOVDD and DCVDD have zero
rise time. (This specification is guaranteed by design rather than test.)
On power down, POR
¯¯¯ is asserted low when LDOVDD or DCVDD falls below their respective power-
down thresholds.
Typical Power-On Reset parameters for the WM8948 are defined in Table 71.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Vpora
Power-On undefined threshold (LDOVDD)
0.5
V
Vpora_on
Power-On threshold (LDOVDD)
1.15
V
Vpora_off
Power-Off threshold (LDOVDD)
1.12
V
Vpord_on
Power-On threshold (DCVDD)
0.57
V
Vpord_off
Power-Off threshold (DCVDD)
0.56
V
TPOR
Minimum Power-On Reset period
10.6
μs
Table 71 Typical Power-On Reset Parameters
Separate Power-On Reset circuits are also implemented on the DBVDD and SPKVDD domains.
These circuits ensure correct device behaviour whenever these supplies are enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com