Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 109Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 110Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 111Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 112Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 113Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 114Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 115Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 116Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
113
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8948 device is
powered up and down using one of the following sequences:
Power Up:
ACTION
LABEL
REGISTER [BITS]
Turn on external supplies and wait for the
supply voltages to settle.
Reset registers to default state (software reset)
SW_RESET
R0 (00h) [15:0]
Enable speaker and line discharge bits
SPKR_DISCH = 1
SPKL_DISCH = 1
LINER_DISCH = 1
LINEL_DISCH = 1
R42 (2Ah) [7]
R42 (2Ah) [6]
R42 (2Ah) [5]
R42 (2Ah) [4]
Enable VMID to speaker and line outputs
SPKR_VMID_OP_ENA = 1
SPKL_VMID_OP_ENA = 1
LINER_VMID_OP_ENA = 1
LINEL_VMID_OP_ENA = 1
R42 (2Ah) [13]
R42 (2Ah) [12]
R42 (2Ah) [11]
R42 (2Ah) [10]
Enable VMID Fast Start and Start up Bias
Select Start-Up Bias and set VMID soft start
for start-up ramp
VMID_FAST_START = 1
STARTUP_BIAS_ENA = 1
BIAS_SRC = 1
VMID_RAMP[1:0] = 01
R7 (07h) [11]
R7 (07h) [8]
R7 (07h) [7]
R7 (07h) [6:5]
If using VMID as the reference voltage for the
LDO then select VMID fast start or set to 0 if
using the Bandgap as the reference voltage for
LDO.
Select LDO Start-Up Bias and enable LDO
Delay 300ms for LDO to settle
LDO_REF_SEL_FAST = 1
LDO_BIAS_SRC = 1
LDO_ENA = 1
R53 (35h) [14]
R53 (35h) [5]
R53 (35h) [15]
Enable VMID Buffer and Master Bias
Set VMID_SEL[1:0] for fast start-up
BIAS_ENA = 1
VMID_BUF_ENA = 1
VMID_SEL[1:0] = 11
R2 (02h) [3]
R2 (02h) [2]
R2 (02h) [1:0]
Disable speaker and line discharge bits
SPKP_DISCH = 0
SPKN_DISCH = 0
LINER_DISCH = 0
LINEL_DISCH = 0
R42 (2Ah) [6]
R42 (2Ah) [7]
R42 (2Ah) [5]
R42 (2Ah) [4]
Enable speaker mixer and DAC
SPKR_MIX_ENA = 1
SPKL_MIX_ENA = 1
DACR_ENA = 1
DACL_ENA = 1
R3 (03h) [3]
R3 (03h) [2]
R3 (03h) [1]
R3 (03h) [0]
Enable speaker outputs and speaker PGA and
lineout output as required
OUTR_ENA = 1
OUTL_ENA = 1
SPKR_PGA_ENA = 1
SPKL_PGA_ENA = 1
SPKN_OP_ENA = 1
SPKP_OP_ENA = 1
R3 (03h) [15]
R3 (03h) [14]
R3 (03h) [13]
R3 (03h) [12]
R3 (03h) [7]
R3 (03h) [6]
Enable power to speaker drive
SPKR_SPKVDD_ENA = 1
SPKL_ SPKVDD _ENA = 1
R3 (03h) [11]
R3 (03h) [10]
Enable VMID
Delay 150ms to allow VMID to settle
VMID_ENA = 1
R7 (07h) [4]
Set LDO for normal operation
LDO_REF_SEL_FAST = 0
LDO_BIAS_SRC = 0
R53 (35h) [14]
R53 (35h) [5]
Set VMID for normal operation
VMID_FAST_START = 0
R7 (07h) [11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com