Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 117 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 117 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 113Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 114Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 115Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 116Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 117Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 118Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 119Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 120Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 121Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
117
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R23 (17h)
Left DAC digital Vol
0
0
0
DAC_V
U
0
0
0
DACL_
MUTE
DACL_VOL[7:0]
00C0h
R24 (18h)
Right DAC digital Vol
0
0
0
DAC_V
U
0
0
0
DACR
_MUT
E
DACR_VOL[7:0]
00C0h
R25 (19h)
ADC Control 1
0
0
0
0
0
0
0
ADC_
MUTE
ALL
0
0
0
0
0
0
ADCR
_DATI
NV
ADCL_
DATIN
V
0100h
R26 (1Ah)
ADC Control 2
0
0
0
0
0
0
0
0
0
0
0
0
0
ADC_HPF_CU
T[1:0]
ADC_
HPF
0000h
R27 (1Bh)
Left ADC Digital Vol
0
0
0
ADC_V
U
0
0
0
ADCL_
MUTE
ADCL_VOL[7:0]
00C0h
R28 (1Ch)
Right ADC Digital Vol
0
0
0
ADC_V
U
0
0
0
ADCR
_MUT
E
ADCR_VOL[7:0]
00C0h
R29 (1Dh)
DRC Control 1
0
0
0
0
0
0
0
DRC_
NG_E
NA
DRC_
ENA
0
0
0
1
DRC_
QR
DRC_
ANTIC
LIP
1
000Fh
R30 (1Eh)
DRC Control 2
0
0
0
DRC_NG_MINGAIN[3:0]
0
0
0
1
DRC_MINGAIN[2:0]
DRC_MAXGAI
N[1:0]
0C25h
R31 (1Fh)
DRC Control 3
0
0
0
0
0
0
1
1
DRC_ATK[3:0]
DRC_DCY[3:0]
0342h
R32 (20h)
DRC Control 4
0
0
0
DRC_KNEE2_IP[4:0]
DRC_KNEE_IP[5:0]
0
0
0000h
R33 (21h)
DRC Control 5
0
0
DRC_
KNEE2
_OP_E
NA
DRC_KNEE2_OP[4:0]
DRC_KNEE_OP[4:0]
DRC_HI_COMP[2:0]
0003h
R34 (22h)
DRC Control 6
0
0
0
0
0
0
0
0
0
0
0
0
DRC_QR_THR[
1:0]
DRC_QR_DCY[
1:0]
0000h
R35 (23h)
DRC Control 7
0
0
0
0
0
0
DRC_NG_EXP[
1:0]
DRC_LO_COMP[2:0]
DRC_INIT[4:0]
0000h
R36 (24h)
DRC Status
DRC_GAIN[15:0]
0000h
R37 (25h)
Beep Control 1
0
0
0
0
0
0
0
0
0
BEEP_GAIN[3:0]
BEEP_RATE[1:
0]
BEEP_
ENA
0002h
R38 (26h)
Video Buffer
0
0
0
0
0
0
0
0
VB_EN
A
VB_QB
OOST
VB_GA
IN
VB_DISOFF[2:0]
VB_PD VB_CL
AMP
001Ch
R39 (27h)
Input ctrl
0
0
0
0
0
0
0
AUX2_
AUDIO
AUX1_
AUDIO
MICB_
LVL
MICRN
_TO_N
_PGA
R
MICLN
_TO_N
_PGAL
P_PGAR_SEL[
1:0]
P_PGAL_SEL[1
:0]
0035h
R40 (28h)
Left INP PGA gain ctrl
0
0
0
0
0
0
0
PGA_V
U
PGAL_
ZC
PGAL_
MUTE
PGAL_VOL[5:0]
0050h
R41 (29h)
Right INP PGA gain
ctrl
0
0
0
0
0
0
0
PGA_V
U
PGAR
_ZC
PGAR
_MUT
E
PGAR_VOL[5:0]
0050h
R42 (2Ah)
Output ctrl
THER
R_ACT
0
SPKR_
VMID_
OP_E
NA
SPKL_
VMID_
OP_E
NA
LINER
_VMID
_OP_E
NA
LINEL_
VMID_
OP_E
NA
LINER
_MUT
E
LINEL_
MUTE
SPKR_
DISCH
SPKL_
DISCH
LINER
_DISC
H
LINEL_
DISCH
0
0
SPK_V
ROI
LINE_
VROI
8300h
R43 (2Bh)
SPK mixer control1
0
0
0
0
0
0
0
AUX1_
TO_SP
KL
PGAL_
TO_SP
KL
BYPL_
TO_P
GAL
MDAC
L_TO_
PGAL
MDAC
R_TO_
PGAL
DACL_
TO_P
GAL
DACR
_TO_P
GAL
AUX2_
TO_P
GAL
AUX1_
TO_P
GAL
0000h
R44 (2Ch)
SPK mixer control2
0
0
0
0
0
0
0
AUX1_
TO_SP
KR
PGAR
_TO_S
PKR
BYPR_
TO_P
GAR
MDAC
L_TO_
PGAR
MDAC
R_TO_
PGAR
DACL_
TO_P
GAR
DACR
_TO_P
GAR
AUX2_
TO_P
GAR
AUX1_
TO_P
GAR
0000h
R45 (2Dh)
SPK mixer control3
0
0
0
0
0
0
0
AUX1_
TO_SP
KL_AT
TEN
PGAL_
TO_SP
KL_AT
TEN
BYPL_
TO_P
GAL_A
TTEN
0
0
DACL_
TO_P
GAL_A
TTEN
DACR
_TO_P
GAL_A
TTEN
AUX2_
TO_P
GAL_A
TTEN
AUX1_
TO_P
GAL_A
TTEN
0000h
R46 (2Eh)
SPK mixer control4
0
0
0
0
0
0
0
AUX1_
TO_SP
KR_AT
PGAR
_TO_S
PKR_A
BYPR_
TO_P
GAR_
0
0
DACL_
TO_P
GAR_
DACR
_TO_P
GAR_
AUX2_
TO_P
GAR_
AUX1_
TO_P
GAR_
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com