Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 185 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 185 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 181Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 182Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 183Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 184Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 185Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 186Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 187Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 188Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 189Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 185 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
185
Figure 62 Single-Ended Microphone Connection
Figure 63 Pseudo-Differential Microphone Connection
VIDEO BUFFER COMPONENTS
External components are required for the Video Buffer.
In a typical application, RLOAD = 75
Ω, RSOURCE = 75Ω, RREF = 187Ω.
See “Video Buffer” for details of alternative components under different load impedance conditions.
LDOVDD
VBREF
VIDEO BUFFER
VBIN
VBOUT
TV in
6dB / 12dB (unloaded)
0dB / 6dB (fully loaded)
LPF
clamp
RREF
RSOURCE
RLOAD
RREF = 187 ohms
RSOURCE = 75 ohms
RLOAD = 75 ohms
Figure 64 Typical Components for Video Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com