Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948ECS/R Datasheet(PDF) 187 Page - Wolfson Microelectronics plc

Part # WM8948ECS/R
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948ECS/R Datasheet(HTML) 187 Page - Wolfson Microelectronics plc

Back Button WM8948ECS/R Datasheet HTML 181Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 182Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 183Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 184Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 185Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 186Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 187Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 188Page - Wolfson Microelectronics plc WM8948ECS/R Datasheet HTML 189Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 187 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
187
PACKAGE DIMENSIONS
B: 36 BALL W-CSP PACKAGE 2.960 X 3.060 X 0.7mm BODY, 0.50 mm BALL PITCH
A1
CORNER
TOP VIEW
E
Z
0.10
2 X
D
5
4
DETAIL 2
DETAIL 2
A
A2
2
Z
0.10
2 X
A1
Z
bbb
Z
1
E1
A
D1
DETAIL 1
D
C
B
F
E
e
e
BOTTOM VIEW
1
65
4
32
6
G
NOTES:
1. PRIMARY DATUM -Z- AND SEATING PLANE ARE DEFINED BY THE SPHERICAL CROWNS OF THE SOLDER BALLS.
2. THIS DIMENSION INCLUDES STAND-OFF HEIGHT ‘A1’ AND BACKSIDE COATING.
3. A1 CORNER IS IDENTIFIED BY INK/LASER MARK ON TOP PACKAGE.
4. BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE PACKAGE BODY.
5. ‘e’ REPRESENTS THE BASIC SOLDER BALL GRID PITCH.
6. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
7. FOLLOWS JEDEC DESIGN GUIDE MO-211-C.
A1
0.219
D
D1
E
E1
e
2.500 BSC
3.060 BSC
0.220
2.500 BSC
0.500 BSC
2.960 BSC
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
0.7
A2
0.361
0.386
0.411
5
f1
0.785
0.615
0.244
0.269
g
0.070
0.035
0.105
h
0.314 BSC
f2
0.270
f1
f2
h
DM063.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com