Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
33
PROGRAMMABLE NOTCH FILTER
A programmable notch filter is provided. This filter has a variable centre frequency and bandwidth,
programmable via two coefficients, a0 and a1. The coefficients must be entered in 2’s complement
notation. A0 and a1 are represented by the register bits NFA0[13:0] and NFA1[13:0]. Because these
coefficient values require four register writes to setup there is an NFU (Notch Filter Update) flag
which should be set only when all four registers are setup.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R27
Notch Filter 1
6:0
NFA0[13:7]
0
Notch filter a0 coefficient, bits [13:7]
7
NFEN
0
Notch filter enable:
0=Disabled
1=Enabled
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
R28
Notch Filter 2
6:0
NFA0[6:0]
0
Notch filter a0 coefficient, bits [6:0]
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
R29
Notch Filter 3
6:0
NFA1[13:7]
0
Notch filter a1 coefficient, bits [13:7]
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
R30
Notch Filter 4
0-6
NFA1[6:0]
0
Notch filter a1 coefficient, bits [6:0]
8
NFU
0
Notch filter update. The notch filter
values used internally only update
when one of the NFU bits is set high.
Table 16 Notch Filter Function
The coefficients are calculated as follows:
)
2
/
tan(
1
)
2
/
tan(
1
0
b
b
w
w
a
)
cos(
)
1
(
0
0
1
w
a
a
Where:
s
c
f
f
w
/
2
0
s
b
b
f
f
w
/
2
fc = centre frequency in Hz, fb = -3dB bandwidth in Hz, fs = sample frequency in Hz
The actual register values can be determined from the coefficients as follows:
NFA0 = -a0 x 2
13
NFA1 = -a1 x 2
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com