Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
70
DIGITAL AUDIO INTERFACES
The audio interface has four pins:
ADCDAT: ADC data output
DACDAT: DAC data input
LRC: Data Left/Right alignment clock
BCLK: Bit clock, for synchronisation
The clock signals BCLK, and LRC can be outputs when the WM8978 operates as a master, or inputs
when it is a slave (see Master and Slave Mode Operation, below).
Five different audio data formats are supported:
Left justified
Right justified
I
2S
DSP mode A
DSP mode B
All of these modes are MSB first. They are described in Audio Data Formats, below. Refer to the
Electrical Characteristic section for timing information.
MASTER AND SLAVE MODE OPERATION
The WM8978 audio interface may be configured as either master or slave. As a master interface
device the WM8978 generates BCLK and LRC and thus controls sequencing of the data transfer on
ADCDAT and DACDAT. To set the device to master mode register bit MS should be set high. In
slave mode (MS=0), the WM8978 responds with data to clocks it receives over the digital audio
interfaces.
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following an LRC
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRC transition.
Figure 36 Left Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com