Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
42
Figure 19 ALC Min/Max Gain
ALCMAX
Maximum Gain (dB)
111
35.25
110
29.25
101
23.25
100
17.25
011
11.25
010
5.25
001
-0.75
000
-6.75
Table 21 ALC Max Gain Values
ALCMIN
Minimum Gain (dB)
000
-12
001
-6
010
0
011
6
100
12
101
18
110
24
111
30
Table 22 ALC Min Gain Values
Note that if the ALC gain setting strays outside the ALC operating range, either by starting the ALC
outside of the range or changing the ALCMAX or ALCMIN settings during operation, the ALC will
immediately adjust the gain to return to the ALC operating range. It is recommended that the ALC
starting gain is set between the ALCMAX and ALCMIN limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com