Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 88 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 88 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
88
POWER MANAGEMENT
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 64x oversampling mode. Under
the control of ADCOSR and DACOSR the oversampling rate may be doubled. 64x oversampling
results in a slight decrease in noise performance compared to 128x but lowers the power
consumption of the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
DAC control
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
R14
ADC control
3
ADCOSR128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Table 66 ADC and DAC Oversampling Rate Selection
VMID
The analogue circuitry will not work when VMID is disabled (VMIDSEL[1:0] = 00b). The impedance of
the VMID resistor string, together with the decoupling capacitor on the VMID pin will determine the
startup time of the VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
(recommended startup time):
00=off (open circuit)
01=75kΩ
10=300kΩ
11=5kΩ (for fastest startup)
Table 67 VMID Impedance Control
BIASEN
The analogue amplifiers will not operate unless BIASEN is enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0=disabled
1=enabled
Table 68 Analogue Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com