Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
57
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
AUXR2RMIX
0
Right Auxiliary input to right channel
output mixer:
0 = not selected
1 = selected
8:6
AUXRMIXVOL
000
Aux right channel input to right mixer
volume control:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
R3
Power
management
3
2
LMIXEN
0
Left output channel mixer enable:
0 = disabled
1= enabled
3
RMIXEN
0
Right output channel mixer enable:
0 = disabled
1 = enabled
Table 38 Left and Right Output Mixer Control
HEADPHONE OUTPUTS (LOUT1 AND ROUT1)
The headphone outputs, LOUT1 and ROUT1 can drive a 16
 or 32 headphone load, either through
DC blocking capacitors, or DC coupled without any capacitor. Each headphone output has an
analogue volume control PGA with a gain range of -57dB to +6dB as shown in Figure 29.
Figure 27 Headphone Outputs LOUT1 and ROUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com