Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
9
Test Conditions
DCVDD=1.8V, AVDD=DBVDD=SPKVDD= 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Speaker Output (LOUT2, ROUT2 with 8
 bridge tied load, INVROUT2=1)
Full scale output voltage, 0dB
gain. (Note 9)
SPKBOOST=0
SPKVDD/3.3
Vrms
SPKBOOST=1
(SPKVDD/3.3)*1.5
Output Power
PO
Output power is very closely correlated with THD; see below
Total Harmonic Distortion
THD
PO =200mW, RL = 8,
SPKVDD=3.3V
0.04
-68
%
dB
PO =320mW, RL = 8,
SPKVDD=3.3V
1.0
-40
%
dB
PO =500mW, RL = 8,
SPKVDD=5V
0.02
-74
%
dB
PO =860mW, RL = 8,
SPKVDD=5V
1.0
-40
%
dB
Signal to Noise Ratio
SNR
SPKVDD=3.3V,
RL = 8
90
dB
SPKVDD=5V,
RL = 8
90
dB
Power Supply Rejection Ratio
(50Hz-22kHz)
PSRR
RL = 8 BTL
80
dB
RL = 8 BTL
SPKVDD=5V (boost)
69
dB
OUT3/OUT4 Outputs (with 10k
 / 50pF load)
Full-scale output voltage, 0dB
gain (Note 10)
OUT3BOOST=0/
OUT4BOOST=0
SPKVDD/3.3
Vrms
OUT3BOOST=1
OUT4BOOST=1
(SPKVDD/3.3)*1.5
Vrms
Signal to Noise Ratio (Note 6)
SNR
A-weighted
98
dB
Total Harmonic Distortion
(Note 7)
THD
RL = 10 k
full-scale signal
-84
dB
Channel Separation (Note 8)
1kHz signal
100
dB
Power Supply Rejection Ratio
(50Hz-22kHz)
PSRR
RL = 10k
52
dB
RL = 10k SPKVDD=5V
(boost)
56
dB
Microphone Bias
Bias Voltage
VMICBIAS
MBVSEL=0
0.9*AVDD
V
MBVSEL=1
0.65*AVDD
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1K to 20kHz
15
nV/
Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
DBVDD
V
Input LOW Level
VIL
0.3
DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
DBVDD
V
Output LOW Level
VOL
IOH-1mA
0.1xDBVDD
V
Input capacitance
10
pF
Input leakage
50
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com