Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
81
The VMID_EN signal has an OR function performed with the normal VMID driver enable. If the
VMID_EN signal is to have no effect to normal functionality when jack detection is enabled, it should
set to 0 for all JD_EN0 or JD_EN1 settings.
If jack detection is not enabled (JD_EN=0), the output enables default to all 1’s, allowing the outputs
to be controlled as normal via the normal output enables found in Table 49.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
GPIO control
5:4
JD_SEL
00
Pin selected as jack detection input
00 = GPIO1
01 = GPIO2
10 = GPIO3
11 = Reserved
6
JD_EN
0
Jack Detection Enable
0 = disabled
1 = enabled
8:7
JD_VMID
00
[7] VMID_EN_0
[8] VMID_EN_1
R13
3:0
JD_EN0
0000
Output enables when selected jack
detection input is logic 0.
[0]= OUT1_EN_0
[1]= OUT2_EN_0
[2]= OUT3_EN_0
[3]= OUT4_EN_0
7:4
JD_EN1
0000
Output enables when selected jack
detection input is logic 1
0000-0011 = Reserved
[4]= OUT1_EN_1
[5]= OUT2_EN_1
[6]= OUT3_EN_1
[7]= OUT4_EN_1
Table 62 Jack Detect Register Control Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com