Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
74
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Clock
Generation
Control
0
MS
0
Sets the chip to be master over LRC and
BCLK
0=BCLK and LRC clock are inputs
1=BCLK and LRC clock are outputs
generated by the WM8978 (MASTER)
4:2
BCLKDIV
000
Configures the BCLK output frequency,
for use when the chip is master over
BCLK.
000=divide by 1 (BCLK=SYSCLK)
001=divide by 2 (BCLK=SYSCLK/2)
010=divide by 4
011=divide by 8
100=divide by 16
101=divide by 32
110=reserved
111=reserved
7:5
MCLKDIV
010
Sets the scaling for either the MCLK or
PLL clock output (under control of
CLKSEL)
000=divide by 1
001=divide by 1.5
010=divide by 2
011=divide by 3
100=divide by 4
101=divide by 6
110=divide by 8
111=divide by 12
8
CLKSEL
1
Controls the source of the clock for all
internal operation:
0=MCLK
1=PLL output
Table 54 Clock Control
The CLKSEL bit selects the internal source of the Master clock from the PLL (CLKSEL=1) or from
MCLK (CLKSEL=0). When the internal clock is switched from one source to another using the
CLKSEL bit, the clock originally selected must generate at least one falling edge after CLKSEL has
changed for the switching of clocks to be successful.
EXAMPLE:
If the PLL is the current source of the internal clock (CLKSEL=1) and it is required to switch to the
MCLK, change CLKSEL to select MCLK (CLKSEL=0) and then disable PLL (PLLEN=0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com