Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
87
SYMBOL
MIN
TYPICAL
MAX
UNIT
tline_midrail_on
500
ms
tline_midrail_off
1
s
thp_midrail_on
500
ms
thp__midrail_off
6
s
tdacint
2/fs
n
/fs
DAC Group Delay
29/fs
n
/fs
Table 65 Typical POR Operation (typical simulated values)
Notes:
1.
The lineout charge time, tline_midrail_on, is mainly determined by the VMID pin charge time. This time
is dependent upon the value of VMID decoupling capacitor and VMID pin input resistance and
AVDD power supply rise time. The values above were measured using a 4.7μF capacitor.
2.
It is not advisable to allow DACDAT data input during initialisation of the DAC. If the DAC data
value is not zero at point of initialisation, then this is likely to cause a pop noise on the analogue
outputs. The same is also true if the DACDAT is removed at a non-zero value, and no mute
function has been applied to the signal beforehand.
3.
The lineout discharge time, tline_midrail_off, is dependent upon the value of the lineout coupling
capacitor and the leakage resistance path to ground. The values above were measured using a
10μF output capacitor.
4.
The headphone charge time, thp_midrail_on, is dependent upon the value of VMID decoupling
capacitor and VMID pin input resistance and AVDD power supply rise time. The values above
were measured using a 4.7μF VMID decoupling capacitor.
5.
The headphone discharge time, thp_midrail_off, is dependent upon the value of the headphone
coupling capacitor and the leakage resistance path to ground. The values above were measured
using a 100μF capacitor.
6.
The VMIDSEL and BIASEN bits must be set to enable analogue output midrail voltage and for
normal DAC operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com