Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14
ADC Control
8
HPFEN
1
High Pass Filter Enable
0=disabled
1=enabled
7
HPFAPP
0
Select audio mode or application mode
0=Audio mode (1
st order, fc = ~3.7Hz)
1=Application mode (2
nd order, fc =
HPFCUT)
6:4
HPFCUT
000
Application mode cut-off frequency
See Table 15 for details.
Table 14 ADC Enable Control
HPFCUT
[2:0]
SR=101/100
SR=011/010
SR=001/000
fs (kHz)
8
11.025
12
16
22.05
24
32
44.1
48
000
82
113
122
82
113
122
82
113
122
001
102
141
153
102
141
153
102
141
153
010
131
180
196
131
180
196
131
180
196
011
163
225
245
163
225
245
163
225
245
100
204
281
306
204
281
306
204
281
306
101
261
360
392
261
360
392
261
360
392
110
327
450
490
327
450
490
327
450
490
111
408
563
612
408
563
612
408
563
612
Table 15 High Pass Filter Cut-off Frequencies (HPFAPP=1). Values in Hz.
Note that the High Pass filter values (when HPFAPP=1) are calculated with the assumption that the
SR register bits are set correctly for the actual sample rate as shown in Table 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com