Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 60Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 61Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 62Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
64
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56
OUT3 mixer
control
6
OUT3MUTE
0
0 = Output stage outputs OUT3 mixer
1 = Output stage muted – drives out
VMID. Can be used as VMID buffer in
this mode.
3
OUT4_2OUT3
0
OUT4 mixer output to OUT3
0 = disabled
1= enabled
2
BYPL2OUT3
0
Left ADC input to OUT3
0 = disabled
1= enabled
1
LMIX2OUT3
0
Left DAC mixer to OUT3
0 = disabled
1= enabled
0
LDAC2OUT3
1
Left DAC output to OUT3
0 = disabled
1= enabled
R57
OUT4 mixer
control
6
OUT4MUTE
0
0 = Output stage outputs OUT4 mixer
1 = Output stage muted – drives out
VMID. Can be used as VMID buffer in
this mode.
5
HALFSIG
0
0=OUT4 normal output
1=OUT4 attenuated by 6dB
4
LMIX2OUT4
0
Left DAC mixer to OUT4
0 = disabled
1= enabled
3
LDAC2OUT4
0
Left DAC to OUT4
0 = disabled
1= enabled
2
BYPR2OUT4
0
Right ADC input to OUT4
0 = disabled
1= enabled
1
RMIX2OUT4
0
Right DAC mixer to OUT4
0 = disabled
1= enabled
0
RDAC2OUT4
1
Right DAC output to OUT4
0 = disabled
1= enabled
Table 45 OUT3/OUT4 Mixer Registers
The OUT3 and OUT4 output stages each have a selectable gain boost of 1.5x (3.52dB). When this
boost is enabled the output DC level is also level shifted (from AVDD/2 to 1.5xAVDD/2) to prevent
the signal from clipping. A dedicated amplifier BUFDCOP, as shown in Figure 32, is used to perform
the DC level shift operation. This buffer must be enabled using the BUFDCOPEN register bit for this
operating mode. It should also be noted that if SPKVDD is not equal to or greater than 1.5xAVDD this
boost mode may result in signals clipping. Table 42 summarises the effect of the OUT3BOOST and
OUT4BOOST control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com