Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
WM8978
Production Data
w
PD, Rev 4.5, October 2011
24
The input PGAs are enabled by the IPPGAENL/R register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2
Power
Management
2
2
INPPGAENL
0
Left channel input PGA enable
0 = disabled
1 = enabled
3
INPPGAENR
0
Right channel input PGA enable
0 = disabled
1 = enabled
Table 4 Input PGA Enable Register Settings
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44
Input
Control
0
LIP2INPPGA
1
Connect LIP pin to left channel input PGA
amplifier positive terminal.
0 = LIP not connected to input PGA
1 = input PGA amplifier positive terminal
connected to LIP (constant input
impedance)
1
LIN2INPPGA
1
Connect LIN pin to left channel input PGA
negative terminal.
0=LIN not connected to input PGA
1=LIN connected to input PGA amplifier
negative terminal.
2
L2_2INPPGA
0
Connect L2 pin to left channel input PGA
positive terminal.
0=L2 not connected to input PGA
1=L2 connected to input PGA amplifier
positive terminal (constant input
impedance).
4
RIP2INPPGA
1
Connect RIP pin to right channel input
PGA amplifier positive terminal.
0 = RIP not connected to input PGA
1 = right channel input PGA amplifier
positive terminal connected to RIP
(constant input impedance)
5
RIN2INPPGA
1
Connect RIN pin to right channel input
PGA negative terminal.
0=RIN not connected to input PGA
1=RIN connected to right channel input
PGA amplifier negative terminal.
6
R2_2INPPGA
0
Connect R2 pin to right channel input PGA
positive terminal.
0=R2 not connected to input PGA
1=R2 connected to input PGA amplifier
positive terminal (constant input
impedance).
Table 5 Input PGA Control
INPUT PGA VOLUME CONTROLS
The input microphone PGAs have a gain range from -12dB to +35.25dB in 0.75dB steps. The gain
from the LIN/RIN input to the PGA output and from the L2/R2 amplifier to the PGA output are always
common and controlled by the register bits INPPGAVOLL/R[5:0]. These register bits also affect the
LIP pin when LIP2INPPGA=1, the L2 pin when L2_2INPPGA=1, the RIP pin when RIP2INPPGA=1
and the L2 pin when L2_2INPPGA=1.
When the Automatic Level Control (ALC) is enabled the input PGA gains are controlled automatically
and the INPPGAVOLL/R bits should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com