Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8978CGEFL/V Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8978CGEFL/V
Description  Stereo CODEC with Speaker Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8978CGEFL/V Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8978CGEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8978CGEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
Production Data
WM8978
w
PD, Rev 4.5, October 2011
39
LIMITER MODE
In limiter mode, the ALC will reduce peaks that go above the threshold level, but will not increase the
PGA gain beyond the starting level. The starting level is the PGA gain setting when the ALC is
enabled in limiter mode. If the ALC is started in limiter mode, this is the gain setting of the PGA at
start-up. If the ALC is switched into limiter mode after running in ALC mode, the starting gain will be
the gain at switchover. The diagram below shows an example of limiter mode.
Figure 18 ALC Limiter Mode Operation
ALC LIMITER MODE INITIALISATION SEQUENCE
In order to properly initialise the ALC function, the following sequence of register writes is required:
1.
Set INPPGAVOLL to the required input PGA gain (R45[5:0]).
2.
Set INPPGAVOLR to the required input PGA gain (R46[5:0]).
3.
Enable analogue inputs (R44[2:0]) as required.
4.
Disable input PGA – set INPPGAENR (R2[3] =0) and INPPGAENL (R2[2] =0).
5.
Set ALCMAXGAIN (R32[5:3]) and ALCMINGAIN (R32[2:0]) to the required level for
operation.
6.
Set ALCLVL (R33[3:0]) to the required level for operation.
7.
Set R34 to 0x000.
8.
Wait for 1ms to allow the input PGA gain to update by the limiter circuit.
9.
Enable Limiter mode (R34[8]=1).
10. Wait for 1ms to allow the input PGA gain to update by the limiter circuit.
11. Enable input PGA – set INPPGAENR (R2[3] =1) and INPPGAENL (R2[2] =1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com